Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7511 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 3Page - STMicroelectronics TDA7511 Datasheet HTML 4Page - STMicroelectronics TDA7511 Datasheet HTML 5Page - STMicroelectronics TDA7511 Datasheet HTML 6Page - STMicroelectronics TDA7511 Datasheet HTML 7Page - STMicroelectronics TDA7511 Datasheet HTML 8Page - STMicroelectronics TDA7511 Datasheet HTML 9Page - STMicroelectronics TDA7511 Datasheet HTML 10Page - STMicroelectronics TDA7511 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7/41
TDA7511
IP3
3rd order intercept point
122
dB
µV
F
Noise figure
6dB
AC
Conversion gain
120
mS
IF1 Amplifier1 & 2 (10.7MHz)
Amin
Min. gain
IFG
9
dB
Amax
Max. gain
IFG
15
dB
RIN
Input resistance
330
Ω
ROUT
Output resistance
330
Ω
P1dB
1dB compression point
Output referred
120
dB
µV
IP3
3rd order Intercept Point
Output referred
132
dB
µV
Mixer2 (450kHz)
RIN
Input impedance
330
Ω
V46
Max. input voltage
900
mVRM
S
V48
Limiting sensitivity
S/N = 20dB
25
µV
A
Mixer gain
18
dB
Limiter 1 (450kHz)
GLimiter
Gain
80
dB
Demodulator, Audio Output
THD
Dev.= 75kHz, V46 = 10mVRMS
0.1
%
VMPX
MPX output signal
Dev.= 75kHz
500
mVRM
S
ROUT
Output resistance
350
Ω
|
∆V|min
DC offset fine adjust
DEM, MENA=1
6
mV
|
∆V|max DC offset fine adjust
DEM, MENA=1
186
mV
S/N
Dev.= 40kHz,V46 = 10mVRMS
75
dB
Quality Detection
S-meter, Unweighted Fieldstrength
V46
Min. input voltage MIX2
10
µV
∆V
Per decade
SMSL = 0
1
V
∆V
Per decade
SMSL = 1
1.5
V
V14
Fieldstrength output
V46 = 0VRMS
0.1
V
V14
Fieldstrength output
V46 = 1VRMS
4.9
V
ROUT
Output resistance
4
k
Ω
ELECTRICAL CHARACTERISTCS (continued)
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = 8.5V, fRF = 98MHz, dev. = 40kHz,
fMOD =1kHz, fIF1 = 10.7MHz, fIF2 = 450KHz, fXtal = 10.25MHz, in test or application circuit, unless otherwise
specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com