Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7511 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 5Page - STMicroelectronics TDA7511 Datasheet HTML 6Page - STMicroelectronics TDA7511 Datasheet HTML 7Page - STMicroelectronics TDA7511 Datasheet HTML 8Page - STMicroelectronics TDA7511 Datasheet HTML 9Page - STMicroelectronics TDA7511 Datasheet HTML 10Page - STMicroelectronics TDA7511 Datasheet HTML 11Page - STMicroelectronics TDA7511 Datasheet HTML 12Page - STMicroelectronics TDA7511 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
9/41
TDA7511
BW 3dB
Bandwidth, -3dB
ISS80 = 0
120
kHz
BW
20dB
Bandwidth, -20dB
ISS80 = 0
250
kHz
BW 3dB
Bandwidth weather band
ISS30 = 1
30
kHz
BW
20dB
-20dB weather band
ISS30 = 1
80
kHz
∆fmin
Fine adjust
AISS
-20
kHz
∆fmax
Fine adjust
AISS
10
kHz
Adjacent Channel ISS Filter Threshold
VNTH
Internal low threshold
ACNTH
0
V
VNTH
Internal high threshold
ACNTH
0.3
V
VWTH
Internal low threshold
ACWTH
0.25
V
VWTH
Internal high threshold
ACWTH
0.95
V
Multipath Threshold
VTHMP
Internal low threshold
MPTH
0.50
V
VTHMP
Internal high threshold
MPTH
1.25
V
ISS Filter Time Constant
I15
Charge current low mid
TISS, ISSCTL = 1
-74
µA
I15
Charge current high mid
TISS, ISSCTL = 1
-60
µA
I15
Charge current low narrow
TISS, ISSCTL = 1
-124
µA
I15
Charge current high narrow
TISS, ISSCTL = 1
-110
µA
I15
Discharge current low
TISS, ISSCTL = 0
1
µA
I15
Discharge current high
TISS, ISSCTL = 0
15
µA
V15
Low voltage
ISSCTL = 0
0.1
V
V15
High voltage
ISSCTL = 1
4.9
V
ISS Filter Switch Threshold
V15
Threshold ISS on
ISSCTL = 0
3
V
V15
Threshold ISS off
ISSCTL = 0
1
V
V15
Threshold ISS narrow on
ISSCTL = 0
4
V
V15
Threshold ISS narrow off
ISSCTL = 0
2
V
I20
Charge current low
TDEV
-20
µA
I20
Charge current high
TDEV
-34
µA
I20
Discharge current low
TDEV
6
µA
I20
Discharge current high
TDEV
20
µA
ELECTRICAL CHARACTERISTCS (continued)
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = 8.5V, fRF = 98MHz, dev. = 40kHz,
fMOD =1kHz, fIF1 = 10.7MHz, fIF2 = 450KHz, fXtal = 10.25MHz, in test or application circuit, unless otherwise
specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com