Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7511 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 6Page - STMicroelectronics TDA7511 Datasheet HTML 7Page - STMicroelectronics TDA7511 Datasheet HTML 8Page - STMicroelectronics TDA7511 Datasheet HTML 9Page - STMicroelectronics TDA7511 Datasheet HTML 10Page - STMicroelectronics TDA7511 Datasheet HTML 11Page - STMicroelectronics TDA7511 Datasheet HTML 12Page - STMicroelectronics TDA7511 Datasheet HTML 13Page - STMicroelectronics TDA7511 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
TDA7511
10/41
DEVWTH Internal low threshold
DWTH
30
kHz
DEVWTH Internal high threshold
DWTH
75
kHz
RATIOmi
n
Referred to threshold
DTH
1
RATIOm
ax
Referred to threshold
DTH
1.5
Softmute
VANT
Upper startpoint
SMTH, SMD, SLOPE = 0
16
dB
µV
VANT
lower startpoint
SMTH, SMD, SLOPE = 0
3
dB
µV
aSMmin
Min. softmute depth
SMD, SLOPE = 0, SMTHUpper
18
dB
aSMmax
Max. softmute depth
SMD, SLOPE = 0, SMTHUpper
36
dB
aSMTHIS
S
Mute depth threshold for ISS filter
on
SMCTH
0.2
2
dB
VACTH
Internal AC mute threshold
ACM
60
220
mV
aSMAC
AC mute depth
6
dB
I42
Charge current
-47.5
µA
I42
Discharge current
2.5
µA
S/N Over All
S/N
VIN_min = 60dB
µV,
dev.= 40kHz,LP=15KHz
deemphasis t = 50
µs
66
dB
ELECTRICAL CHARACTERISTICS
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = VCCMIX2 =8.5V, fRF =1MHz, fMOD = 400Hz at 30%
AMfIF1 = 10.7MHz, fIF2 = 450kHz, fxtal = 10.25MHz, in test or application circuit, (unless otherwise noted, VinRF
antenna input).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
AM SECTION
Global
VINRF
min
Max. sensitivity
Ref.: VINRF = 74dB
µV,
∆V37 = -10dB
19
dB
µV
VINRF us Usable sensitivity
(S+N)/N = 20 dB
30
26
dB
µV
∆VINRF AGC Range
Ref.: VINRF = 74dB
µV,
∆V37 = -10dB
51
dB
(S+N)/N
Signal to Noise Ratio
Ref.: VINRF = 74dB
µV
49
56
dB
ELECTRICAL CHARACTERISTCS (continued)
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = 8.5V, fRF = 98MHz, dev. = 40kHz,
fMOD =1kHz, fIF1 = 10.7MHz, fIF2 = 450KHz, fXtal = 10.25MHz, in test or application circuit, unless otherwise
specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com