Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7511 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7511 Datasheet HTML 1Page - STMicroelectronics TDA7511 Datasheet HTML 2Page - STMicroelectronics TDA7511 Datasheet HTML 3Page - STMicroelectronics TDA7511 Datasheet HTML 4Page - STMicroelectronics TDA7511 Datasheet HTML 5Page - STMicroelectronics TDA7511 Datasheet HTML 6Page - STMicroelectronics TDA7511 Datasheet HTML 7Page - STMicroelectronics TDA7511 Datasheet HTML 8Page - STMicroelectronics TDA7511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5/41
TDA7511
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
51
VCC2
Analog Supply
52
FMAMP2IN
FM IF1 Amplifier2 Input
53
FMIF1REF
FM IF1 Amplifier Reference
54
FMAMP1OUT
FM IF1 Amplifier1 Output
55
AMMIX2OUT2
AM Tank 450kHz
56
AMMIX2OUT1
AM Tank 450kHz
57
FMAMP1IN
FM IF1 Amplifier1 Input
58
AMIF1IN
AM IF1 Input
59
GNDIF1AMP
FM IF1 Amplifier Ground
60
FMIF1AGCIN
FM IF1 AGC Input
61
MIX1OUT2
MIX Tank 10.7MHz
62
MIX1OUT1
MIX Tank 10.7MHz
63
AMRFAGCTC
AM RF AGC Time Constant
64
AMPINDR
AM PIN Diode Driver Output
Symbol
Parameter
Value
Unit
VS
Supply Voltage
10.5
V
Tamb
Ambient Temperature
-40 to 85
°C
Tstg
Storage Temperature
-55 to +150
°C
Symbol
Parameter
Value
Unit
RTh(j-amb)
Thermal resistance
68
°C/W
ELECTRICAL CHARACTERISTCS
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = 8.5V, fRF = 98MHz, dev. = 40kHz,
fMOD =1kHz, fIF1 = 10.7MHz, fIF2 = 450KHz, fXtal = 10.25MHz, in test or application circuit, unless otherwise
specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply
VCC1
Digital supply voltage
7.5
8.5
10
V
VCC2
Analog supply voltage
7.5
8.5
10
V
VCC3
Analog tuning voltage
7.5
8.5
10
V
VCCVCO
VCO supply voltage
7.5
8.5
10
V
PIN DESCRIPTION (continued)
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com