Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2301CDEXPBF Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2301CDEXPBF
Description  1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2301CDEXPBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2301CDEXPBF Datasheet HTML 8Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 9Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 10Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 11Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 12Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 13Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 14Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 15Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC2301/LTC2305
12
23015f
APPLICATIONS INFORMATION
Overview
The LTC2301/LTC2305 are low noise, 1-/2-channel, 12-bit
successive approximation register (SAR) A/D converters
with an I2C compatible serial interface. The LTC2301/
LTC2305 both include a precision internal reference. The
LTC2305 includes a 2-channel analog input multiplexer
(MUX) while the LTC2301 includes an input MUX that allows
the polarity of the differential input to be selected. These
ADCs can operate in either unipolar or bipolar mode. Uni-
polar mode should be used for single-ended operation with
the LTC2305, since single-ended input signals are always
referenced to GND. A sleep mode option is also provided
to further reduce power during inactive periods.
The LTC2301/LTC2305 communicate through a 2-wire
I2C compatible serial interface. Conversions are initiated
by signaling a stop condition after the part has been
successfully addressed for a read/write operation. The
device will not acknowledge an external request until the
conversion is finished. After a conversion is finished, the
device is ready to accept a read/write request. Once the
LTC2301/LTC2305 is addressed for a read operation, the
device begins outputting the conversion result under the
control of the serial clock (SCL). There is no latency in the
conversion result. There are 12 bits of output data followed
by four trailing zeros. Data is updated on the falling edges
of SCL, allowing the user to reliably latch data on the ris-
ing edge of SCL. A write operation may follow the read
operation by using a repeat start or a stop condition may
be given to start a new conversion. By selecting a write
operation, these ADCs can be programmed by a 6-bit DIN
word. The DIN word configures the MUX and programs
various modes of operation.
During a conversion, the internal 12-bit capacitive charge-
redistribution DAC output is sequenced through a succes-
sive approximation algorithm by the SAR starting from the
most significant bit (MSB) to the least significant bit (LSB).
The sampled input is successively compared with binary
weighted charges supplied by the capacitive DAC using
a differential comparator. At the end of a conversion, the
DAC output balances the analog input. The SAR contents
(a 12-bit data word) that represent the sampled analog
input are loaded into 12 output latches that allow the data
to be shifted out via the I2C interface.
Programming the LTC2301 and LTC2305
The software compatible LTC2301/LTC2305/LTC2309 fam-
ily features a 6-bit DIN word to program various modes of
operation. Don’t care bits (X) are ignored. The SDA data
bits are loaded on the rising edge of SCL during a write
operation, with the S/D bit loaded on the first rising edge
and the SLP bit on the sixth rising edge (see Figure 7b
in the I2C Interface section). The input data word for the
LTC2305 is defined as follows:
S/D O/S
X
X
UNI SLP
S/D = SINGLE-ENDED/DIFFERENTIAL BIT
O/S = ODD/SIGN BIT
UNI = UNIPOLAR/BIPOLAR BIT
SLP = SLEEP MODE BIT
For the LTC2301, the input word is defined as:
X
O/S
X
X
UNI SLP
Analog Input Multiplexer
The analog input MUX is programmed by the S/D and
O/S bits of the DIN word for the LTC2305 and the O/S
bit of the DIN word for the LTC2301. Table 1 and Table 2
list the MUX configurations for all combinations of the
configuration bits. Figure 1a shows several possible MUX
configurations and Figure 1b shows how the MUX can be
reconfigured from one conversion to the next.
Table 1. Channel Configuration for the LTC2305
S/D
O/S
CH0
CH1
00
+
–
01
–
+
10
+
11
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com