Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3724MPFE Datasheet(PDF) 12 Page - Linear Technology

Part # 3724MPFE
Description  High Voltage, Current Mode Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3724MPFE Datasheet(HTML) 12 Page - Linear Technology

Back Button 3724MPFE Datasheet HTML 8Page - Linear Technology 3724MPFE Datasheet HTML 9Page - Linear Technology 3724MPFE Datasheet HTML 10Page - Linear Technology 3724MPFE Datasheet HTML 11Page - Linear Technology 3724MPFE Datasheet HTML 12Page - Linear Technology 3724MPFE Datasheet HTML 13Page - Linear Technology 3724MPFE Datasheet HTML 14Page - Linear Technology 3724MPFE Datasheet HTML 15Page - Linear Technology 3724MPFE Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT3724
12
3724fc
The basic LT3724 step-down (buck) application, shown
in the Typical Application on the front page, converts a
larger positive input voltage to a lower positive or negative
output voltage. This Application Information section assists
selection of external components for the requirements of
the power supply.
RSENSE Selection
The current sense resistor, RSENSE, monitors the inductor
current of the supply (See Typical Application on front
page). Its value is chosen based on the maximum required
output load current. The LT3724 current sense amplifier
has a maximum voltage threshold of, typically, 150mV.
Therefore, the peak inductor current is 150mV/RSENSE.
The maximum output load current, IOUT(MAX), is the peak
inductor current minus half the peak-to-peak ripple cur-
rent, ΔIL.
Allowing adequate margin for ripple current and external
component tolerances, RSENSE can be calculated as fol-
lows:
RSENSE =
100mV
IOUT(MAX)
Typical values for RSENSE are in the range of 0.005Ω
to 0.05Ω.
Inductor Selection
The critical parameters for selection of an inductor are
minimum inductance value, volt-second product, satura-
tion current and/or RMS current.
The minimum inductance value is calculated as follows:
L VOUT •
VIN(MAX) –VOUT
fSW •VIN(MAX) • IL
fSW is the switch frequency (200kHz).
The typical range of values for ΔIL is (0.2 • IOUT(MAX)) to
(0.5 • IOUT(MAX)), where IOUT(MAX) is the maximum load
current of the supply. Using ΔIL = 0.3 • IOUT(MAX) yields a
good design compromise between inductor performance
versus inductor size and cost. Higher values of ΔIL will
increase the peak currents, requiring more filtering on
the input and output of the supply. If ΔIL is too high,
the slope compensation circuit is ineffective and current
mode instability may occur at duty cycles greater than
50%. Lower values of ΔIL require larger and more costly
magnetics. A value of ΔIL = 0.3 • IOUT(MAX) produces a
±15% of IOUT(MAX) ripple current around the DC output
current of the supply.
Some magnetics vendors specify a volt-second product
in their datasheet. If they do not, consult the magnetics
vendor to make sure the specification is not being exceeded
by your design. The volt-second product is calculated as
follows:
Volt-second (
μsec)=
(VIN(MAX) –VOUT)• VOUT
VIN(MAX) •fSW
The magnetics vendors specify either the saturation cur-
rent, the RMS current or both. When selecting an inductor
based on inductor saturation current, use the peak cur-
rent through the inductor, IOUT(MAX) + ΔIL/2. The inductor
saturation current specification is the current at which
the inductance, measured at zero current, decreases by
a specified amount, typically 30%.
When selecting an inductor based on RMS current rating,
use the average current through the inductor, IOUT(MAX).
The RMS current specification is the RMS current at which
the part has a specific temperature rise, typically 40°C,
above 25°C ambient.
After calculating the minimum inductance value, the volt-
second product, the saturation current and the RMS current
for your design, select an off-the-shelf inductor. A list of
magnetics vendors can be found at www.linear.com, or
contact the Linear Technology Application Department.
For more detailed information on selecting an inductor,
please see the “Inductor Selection” section of Linear
Technology Application Note 44.
Step-Down Converter: MOSFET Selection
The selection criteria of the external N-channel standard
level power MOSFET include on resistance(RDS(ON)), re-
verse transfer capacitance (CRSS), maximum drain source
voltage (VDSS), total gate charge (QG), and maximum
continuous drain current.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com