Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3724MPFE Datasheet(PDF) 18 Page - Linear Technology

Part # 3724MPFE
Description  High Voltage, Current Mode Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3724MPFE Datasheet(HTML) 18 Page - Linear Technology

Back Button 3724MPFE Datasheet HTML 14Page - Linear Technology 3724MPFE Datasheet HTML 15Page - Linear Technology 3724MPFE Datasheet HTML 16Page - Linear Technology 3724MPFE Datasheet HTML 17Page - Linear Technology 3724MPFE Datasheet HTML 18Page - Linear Technology 3724MPFE Datasheet HTML 19Page - Linear Technology 3724MPFE Datasheet HTML 20Page - Linear Technology 3724MPFE Datasheet HTML 21Page - Linear Technology 3724MPFE Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT3724
18
3724fc
APPLICATIONS INFORMATION
2. I2R losses are calculated from the DC resistances of the
MOSFET, the inductor, the sense resistor, and the input and
output capacitors. In continuous conduction mode the aver-
age output current flows through the inductor and RSENSE
but is chopped between the MOSFET and the Schottky
diode. The resistances of the MOSFET (RDS(ON)) and the
RSENSE multiplied by the duty cycle can be summed with
the resistances of the inductor and RSENSE to obtain the
total series resistance of the circuit. The total conduction
power loss is proportional to this resistance and usually
accounts for between 2% to 5% loss in efficiency.
3. Transition losses of the MOSFET can be substantial with
input voltages greater than 20V. See MOSFET Selection
section.
4. The Schottky diode can be a major contributor of power
loss especially at high input to output voltage ratios (low
duty cycles) where the diode conducts for the majority
of the switch period. Lower Vf reduces the losses. Note
that oversizing the diode does not always help because
as the diode heats up the Vf is reduced and the diode loss
term is decreased.
I2R losses and the Schottky diode loss dominate at high
load currents. Other losses including CIN and COUT ESR
dissipative losses and inductor core losses generally ac-
count for less than 2% total additional loss in efficiency.
PCB Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation. These
items are illustrated graphically in the layout diagram of
Figure 9.
1. Keep the signal and power grounds separate. The signal
ground consists of the LT3724 SGND pin, the exposed pad
on the backside of the LT3724 IC and the (–) terminal of
VOUT. The signal ground is the quiet ground and does not
contain any high, fast currents. The power ground consists
of the Schottky diode anode, the (–) terminal of the input
capacitor, and the ground return of the VCC capacitor. This
ground has very fast high currents and is considered the
noisy ground. The two grounds are connected to each
other only at the (–) terminal of VOUT.
2. Use short wide traces in the loop formed by the MOSFET,
the Schottky diode and the input capacitor to minimize
high frequency noise and voltage stress from parasitic
inductance. Surface mount components are preferred.
3. Connect the VFB pin directly to the feedback resistors
independent of any other nodes, such as the SENSE– pin.
Connect the feedback resistors between the (+) and (–)
terminals of COUT. Locate the feedback resistors in close
proximity to the LT3724 to keep the high impedance node,
VFB, as short as possible.
4. Route the SENSE– and SENSE+ traces together and
keep as short as possible.
5. Locate the VCC and BOOST capacitors in close proximity
to the IC. These capacitors carry the MOSFET driver’s high
peak currents. Place the small signal components away
from high frequency switching nodes (BOOST, SW, and
TG). In the layout shown in Figure 9, place all the small
signal components on one side of the IC and all the power
components on the other. This helps to keep the signal
and power grounds separate.
6. A small decoupling capacitor (100pF) is sometimes
useful for filtering high frequency noise on the feedback
and sense nodes. If used, locate as close to the IC as
possible.
7. The LT3724 packaging will efficiently remove heat from
the IC through the exposed pad on the backside of the part.
The exposed pad is soldered to a copper footprint on the
PCB. Make this footprint as large as possible to improve
the thermal resistance of the IC case to ambient air. This
helps to keep the LT3724 at a lower temperature.
8. Make the trace connecting the gate of MOSFET M1 to
the TG pin of the LT3724 short and wide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com