Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3724MPFE Datasheet(PDF) 20 Page - Linear Technology

Part # 3724MPFE
Description  High Voltage, Current Mode Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3724MPFE Datasheet(HTML) 20 Page - Linear Technology

Back Button 3724MPFE Datasheet HTML 16Page - Linear Technology 3724MPFE Datasheet HTML 17Page - Linear Technology 3724MPFE Datasheet HTML 18Page - Linear Technology 3724MPFE Datasheet HTML 19Page - Linear Technology 3724MPFE Datasheet HTML 20Page - Linear Technology 3724MPFE Datasheet HTML 21Page - Linear Technology 3724MPFE Datasheet HTML 22Page - Linear Technology 3724MPFE Datasheet HTML 23Page - Linear Technology 3724MPFE Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT3724
20
3724fc
TYPICAL APPLICATIONS
12V to 24V/50W Boost (Step-Up) Converter
Efficiency and Power Loss vs Load Current
4
R3
4.7M
R6
40.2k
R2
187k
R1
10k
VIN
SHDN
CSS
BURST_EN
VFB
VC
SGND
BOOST
TG
SW
VCC
PGND
SENSE+
SENSE–
M1
D2
SBM540
3724 TA02
LT3724
1
3
5
6
7
8
16
15
14
12
11
10
9
C3
4700pF
C2
120pF
C4
1μF
25V
C1
1500pF
0.1μF
25V
COUT1
330μF
35V
COUT2
2.2μF x3
50V
CIN = SANYO, 25SVP33M
L1 = VISHAY, IHLP-5050FD-011
M1 = SILICONIX, Si7370DP
COUT1 = SANYO, 35CV330AXA
COUT2 = TDK, C4532X7R1H225K
D2 = DIODESINC., SBM540
RSENSE = IRC LRF2512-01-R0I5-F
CIN
33μF ×2
25V
VIN
8V TO16V
RSENSE
0.015Ω
L1
10μH
VOUT
24V AT 50W
RCSS
200k
D1
BAV99
LOAD CURRENT (A)
0.1
100
98
96
94
92
90
88
3.0
2.5
2.0
1.5
1.0
0
0.5
110
3724 F08
VIN = 8V
VIN = 12V
VIN = 16V
LOSS
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com