Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4253AIGN-ADJ Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4253AIGN-ADJ
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253AIGN-ADJ Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4253AIGN-ADJ Datasheet HTML 5Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 6Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 7Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 8Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 9Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 10Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 11Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 12Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC4253A-ADJ
9
4253a-adjf
restart after a current limit fault. During GATE start-up, a
second comparator detects GATE within 2.8V of VIN
before power good sequencing starts.
DRAIN (Pin 12/Pin 9): Drain Sense Input. Connecting an
external resistor, RD between this pin and the MOSFET’s
drain (VOUT) allows voltage sensing below 5V and current
feedback to TIMER. A comparator detects if DRAIN is
below 2.39V and together with the GATE high comparator,
starts the power good sequencing. If VOUT is above
VDRNCL,theDRAINpinisclampedatapproximatelyVDRNCL.
RD current is internally multiplied by 8 and added to
TIMER’s 200
µA during a circuit breaker fault cycle. This
reduces the fault time and MOSFET heating.
OV/OVL (Pins 13, 14/Pins 10, 11): Overvoltage and
Overvoltage Low Inputs. The OV and OVL pins work
together to implement the overvoltage function. OVL and
OV must be tapped from an external resistive string across
the input supply such that VOVL ≥ VOV under all circum-
stances. As the input supply ramps up, the OV pin input is
multiplexed to the internal overvoltage comparator input.
If OV > 5.09V, GATE pulls low and the overvoltage com-
parator input is switched to OVL. When OVL returns below
5.08V, GATE start-up begins without an initial timing cycle
and the overvoltage comparator input is switched to OV.
In this way, an external resistor between OVL and OV can
set a low to high and high to low overvoltage threshold
hysteresis that will add to the internal 10mV hysteresis. A
1nF to 10nF capacitor at OVL prevents transients and
switching noise at both OVL and OV from causing glitches
at the GATE.
UV/UVL (Pins 15, 16/Pins 12, 13): Undervoltage and
Undervoltage Low Inputs. The UV and UVL pins work
together to implement the undervoltage function. UVL and
UV must be tapped from an external resistive string across
the input supply such that VUVL ≥ VUV under all circum-
stances. As the input supply ramps up, the UV pin input is
multiplexed to the internal undervoltage comparator in-
put. If UV > 3.08V, an initial timing cycle is initiated
followed by GATE start-up and input to the undervoltage
comparator input is switched to UVL. When UVL returns
below 3.08V, PWRGD1 pulls high, both GATE and TIMER
pull low and input to the undervoltage comparator input is
switched to UV. In this way, an external resistor between
UVL and UV can set the low to high and high to low
undervoltage threshold hysteresis. A 1nF to 10nF capaci-
tor at UVL prevents transients and switching noise at both
UVL and UV from causing glitches at the GATE pin.
TIMER (Pin 17/Pin 14): Timer Input. Timer is used to
generate an initial timing delay at start-up, and to delay
shutdown in the event of an output overload (circuit
breaker fault). These delays are adjustable by connecting
an appropriate capacitor to this pin.
SQTIMER (Pin 18/Pin 15): Sequencing Timer Input. The
sequencing timer provides a delay tSQT for the power good
sequencing. This delay is adjusted by connecting an
appropriate capacitor to this pin. If the SQTIMER capacitor
is omitted, the SQTIMER pin ramps from 0V to 4V in about
300
µs.
EN3 (Pin 19/Pin 16): Power Good Status Output Three
Enable. This is a TTL compatible input that is used to
control the PWRGD3 output. When EN3 is driven low,
PWRGD3 will go high. When EN3 is driven high, PWRGD3
will go low provided PWRGD2 has been active for for more
than one power good sequence delay (tSQT). EN3 can be
used to control the power good sequence. This pin is
internally pulled low by a 120
µA current source.
PWRGD3 (Pin 20/Pin 17): Power Good Status Output
Three. Power good sequence starts with DRAIN going
below 2.39V and GATE is within 2.8V of VIN. PWRGD3 will
latch active low after EN3 goes high and after one power
good sequence delay tSQT provided by the sequencing
timer from the time PWRGD2 goes low, whichever comes
later. PWRGD3 is reset by PWRGD1 going high or EN3
going low. This pin is internally pulled high by a 50
µA
current source.
PI FU CTIO S (SSOP/QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com