Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4253AIGN-ADJ Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4253AIGN-ADJ
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253AIGN-ADJ Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4253AIGN-ADJ Datasheet HTML 20Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 21Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 22Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 23Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 24Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 25Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 26Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 27Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC4253A-ADJ
24
4253a-adjf
APPLICATIO S I FOR ATIO
point A, setting off the second SQTIMER ramp-up. PWRGD2
pulls low at time point D when EN2 is high and PWRGD1
is low for more than one tSQT. PWRGD3 pulls low at time
point E when EN2 and EN3 is high and PWRGD2 is low for
more than one tSQT. At time point B, GATE reaches its maxi-
mum voltage as determined by VIN.
Undervoltage Timing
In Figure 10 when the UVL pin drops below VUVLO (time
point 1), the LTC4253A-ADJ shuts down with TIMER, SS
and GATE pulled low. If current has been flowing, the
SENSE pin voltage decreases to zero as GATE collapses.
When UV recovers and clears VUVHI (time point 2), an
initial time cycle begins followed by a start-up cycle.
Figure 9. Power-Up Timing with a Short Pin (All Waveforms are Referenced to VEE)
GATE
START-UP
INITIAL TIMING
VOVHI
VLKO
VGATEL
VSQTMRL
GND – VEE OR
(–48RTN) – (–48V)
OVL
OV
VIN
TIMER
GATE
SENSE
UV CLEARS VUVHI, CHECK OV < VOVHI, RESET < 0.8V, GATE < VGATEL, SENSE < VCB, SS < 20 • VOS AND TIMER < VTMRL
VOUT
12
3 4 5 6
789
TIMER CLEARS VTMRL, CHECK GATE < VGATEL, SENSE < VCB AND SS < 20 • VOS
SS
DRAIN
PWRGD1
A B
VUVHI
PWRGD2
PWRGD3
SQTIMER
EN2
EN3
C
D
E
5
µA
5
µA
VSQTMRH
4253A F09
VTMRH
VACL
VCB
VTMRL
20 • (VACL + VOS)
20 • (VCB + VOS)
20 • VOS
5
µA
5
µA
5
µA
50
µA
50
µA
50
µA
VDRNCL
VDRNL
VIN – VGATEH
200
µA + 8 • IDRN
UVL
UV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com