Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4253AIGN-ADJ Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4253AIGN-ADJ
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253AIGN-ADJ Datasheet(HTML) 5 Page - Linear Technology

  LTC4253AIGN-ADJ Datasheet HTML 1Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 2Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 3Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 4Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 5Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 6Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 7Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 8Page - Linear Technology LTC4253AIGN-ADJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC4253A-ADJ
5
4253a-adjf
TYPICAL PERFOR A CE CHARACTERISTICS
Circuit Breaker Current Limit
Voltage VCB vs Temperature
IEN vs VEN and ISEL vs VSEL
Analog Current Limit Voltage VACL
vs Temperature
IGATE (Source) vs Temperature
IGATE (ACL, Sink) vs Temperature
Fast Current Limit Voltage VFCL
vs Temperature
IGATE (FCL, Sink) vs Temperature
VGATE vs Temperature
VGATEL vs Temperature
VEN/VSEL (V)
0
0
40
120
160
200
4
8
10
18
4253A G04
80
IEN
ISEL
26
12
14
16
IIN = 2mA
TA = 25°C
TEMPERATURE (
°C)
–50
45
46
48
49
50
55
52
0
50
75
4253A G05
47
53
54
51
–25
25
100
125
IIN = 2mA
TEMPERATURE (
°C)
–50
75
25
4253A G06
60
50
–25
0
50
45
40
80
70
65
55
75
100
125
IIN = 2mA
TEMPERATURE (
°C)
–50
150
160
180
190
200
250
220
0
50
75
4253A G07
170
230
240
210
–25
25
100
125
IIN = 2mA
TEMPERATURE (
°C)
–50
40
42
46
48
50
60
54
0
50
75
4253A G08
44
56
58
52
–25
25
100
125
IIN = 2mA
UV/UVL/OV/OVL = 4V
TIMER = 0V
VSENSE = VEE
VGATE = 0V
TEMPERATURE (
°C)
–50
20
25
30
25
75
4253A G09
15
10
–25
0
50
100
125
5
0
IIN = 2mA
UV/UVL/OV/OVL = 4V
TIMER = 0V
VSENSE – VEE = 0.15V
VGATE = 3V
TEMPERATURE (
°C)
–50
–25
0
100
250
0
50
75
4253A G10
50
200
150
25
100
125
IIN = 2mA
UV/UVL/OV/OVL = 4V
TIMER = 0V
VSENSE – VEE = 0.3V
VGATE = 1V
TEMPERATURE (
°C)
–50
10.0
10.5
11.5
12.0
12.5
50
14.5
4253A G11
11.0
0
–25
75
100
25
125
13.0
13.5
14.0
IIN = 2mA
UV/UVL/OV/OVL = 4V
TIMER = 0V
VSENSE = VEE
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
0
50
75
4253A G12
0.2
0.8
0.9
0.6
–25
25
100
125
IIN = 2mA
UV/UVL/OV/OVL = 4V
TIMER = 0V
GATE THRESHOLD
BEFORE RAMP UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com