Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C44 Datasheet(PDF) 36 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320C44 Datasheet HTML 32Page - Texas Instruments TMS320C44 Datasheet HTML 33Page - Texas Instruments TMS320C44 Datasheet HTML 34Page - Texas Instruments TMS320C44 Datasheet HTML 35Page - Texas Instruments TMS320C44 Datasheet HTML 36Page - Texas Instruments TMS320C44 Datasheet HTML 37Page - Texas Instruments TMS320C44 Datasheet HTML 38Page - Texas Instruments TMS320C44 Datasheet HTML 39Page - Texas Instruments TMS320C44 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031B – AUGUST 1994 – REVISED DECEMBER 1995
36
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
communication-port word-transfer-cycle timing† [P = tc(H)] (see Note 13 and Figure 23)
NO
TMS320C44 - 50
TMS320C44 - 60
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
tc(WORD)‡§
Cycle time, word transfer (4 bytes = 1 word)
1.5P + 7
2.5P + 170
1.5P + 7
2.5P + 170
ns
2
td(CRDYL-CSL)W‡
Delay time, CRDYx low to CSTRBx low between
back-to-back write cycles
1.5P + 7
2.5P + 28
1.5P + 7
2.5P + 28
ns
† For these timing values, it is assumed that the ’C4x receiving data is ready to receive data. Line propagation delay is not considered.
‡ This value is characterized but not tested.
§ tc(WORD) max = 2.5P + 28 ns + the maximum summed values of 4 × td(CSL-CRDYL)R, 3 × td(CRDYL-CSH), 3 × td(CSH-CRDYH)R, and
3
× td(CRDYH-CSL)W as seen in Figure 24. This timing assumes two ’C4xs are connected.
NOTE 13: These timings apply only to two communicating ’C4xs. When a non-’C4x device communicates with a ’C44, timings can be longer. No
restriction exists in this case on how slow the transfer could be except when using early silicon (C40 PG 1.x or 2.x). Refer to the CSTRB
width restriction section of the
TMS320C4x User’s Guide (literature number SPRU063B).
CREQx
CACKx
CSTRBx
CxDx
CRDYx
1
2
Undef.
B0
B1
B2
B3
B0¶
= When signal is an input (clear = when signal is an output).
¶ Begins byte 0 of the next word.
NOTE A: For correct operation during token exchange, the two communicating ’C4xs must have CLKIN frequencies within a factor of 2 of each
other (in other words, at most, one of the ’C4xs can be twice as fast as the other).
Figure 23. Communication-Port Word-Transfer-Cycle Timing [P = tc(H)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com