Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C44 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320C44 Datasheet HTML 29Page - Texas Instruments TMS320C44 Datasheet HTML 30Page - Texas Instruments TMS320C44 Datasheet HTML 31Page - Texas Instruments TMS320C44 Datasheet HTML 32Page - Texas Instruments TMS320C44 Datasheet HTML 33Page - Texas Instruments TMS320C44 Datasheet HTML 34Page - Texas Instruments TMS320C44 Datasheet HTML 35Page - Texas Instruments TMS320C44 Datasheet HTML 36Page - Texas Instruments TMS320C44 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
(L)PAGEx
(see Note D)
Control Signals
(see Note D)
(L)Dx
(see Note C)
RESET
(see Notes A and B)
1
2.1
4.1
6
7
8
3
2.2
4.2
7
CLKIN
H1
H3
(L)Ax
see Note C)
IACK
Asynchronous Reset
Signals (see Note E)
Asynchronous Reset
Signals (see Note A)
Ten H1 Clock Cycles
5
9
9
10
CDIRx
(see Note F)
12
11
CDIRy
(see Note F)
NOTES: A. Asynchronous reset signals that go to a high logic level after RESET returns to a high state include CREQy, CACKx, CSTRBx, and CRDYy
(where x = 1 or 2 and y = 4 or 5).
B. RESET is an asynchronous input and can be asserted at any point during a clock cycle. If the specified timings are met, the exact sequence shown occurs; otherwise,
an additional delay of one clock cycle can occur.
C. For this diagram, (L)Dx includes D31 – D0, LD31 – LD0, and CxD7 – CxD0; (L)Ax includes LA(23 – 0) and A(23 – 0).
D. Control signals LSTRB0, LSTRB1, STRB0, STRB1, (L)STAT3 – (L)STAT0, (L)LOCK, (L)R/W0, and (L)R/W1 go high while (L)PAGE0 and (L)PAGE1 go low.
E. Asynchronous reset signals that go into the high-impedance state after RESET goes low include TCLK0, TCLK1, IIOF3 – IIOF0, and the communication-port control
signals CREQx, CACKy, CSTRBy, and CRDYx (where x = 1 or 2, and y = 4 or 5). At reset, ports 1 and 2 become outputs, and ports 4 and 5 become inputs.
F. x = 1 or 2 and y = 4 or 5
Figure 20. RESET Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com