Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8S512K32AP-20/SPACE Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS8S512K32AP-20/SPACE
Description  512K x 32 SRAM SRAM MEMORY ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S512K32AP-20/SPACE Datasheet(HTML) 5 Page - Austin Semiconductor

  AS8S512K32AP-20/SPACE Datasheet HTML 1Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 2Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 3Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 4Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 5Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 6Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 7Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 8Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8S512K32
& AS8S512K32A
AS8S512K32 & AS8S512K32A
Rev. 6.0 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(NOTE 5) (-55oC<T
A < 125
oC and -40oC to +85oC; V
CC = 5V +10%)
MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX
READ cycle time
tRC
12
15
17
20
25
35
45
55
ns
Address access time
tAA
12
15
17
20
25
35
45
55
ns
Chip select access time
tACS
12
15
17
20
25
35
45
55
ns
Output hold from address change
tOH
22
222222
ns
Chip select to output in Low-Z
tLZCS
22
222222
ns
4,6,7
Chip select to output in High-Z
tHZCS
78
9
1012152020
ns
4,6,7
Output enable access time
tAOE
78
9
1012152020
ns
Output enable to output in Low-Z
tLZOE
00
000000
ns
4,6
Output disable to output in High-Z
tHZOE
12
12
12
15
20
20
ns
4,6
WRITE cycle time
tWC
12
15
17
20
25
35
45
55
ns
Chip select to end of write
tCW
10
12
15
15
17
20
25
25
ns
Address valid to end of write
tAW
10
12
15
15
17
20
25
25
ns
Address setup time
tAS
22222222
ns
Address hold from end of write
tAH
11111111
ns
WRITE pulse width
tWP1
10
12
15
15
17
20
25
25
ns
WRITE pulse width
tWP2
10
12
15
15
17
20
25
25
ns
Data setup time
tDS
8
10121012152020
ns
Data hold time
tDH
00000000
ns
Write disable to output in Low-z
tLZWE
22222222
ns
4,6,7
Write enable to output in High-Z
tHZWE
7
8
9
1113151515
ns
4,6,7
UNITS
-35
-12
-15
-45
-55
WRITE CYCLE
READ CYCLE
DESCRIPTION
-20
-17
-25
SYMBOL
NOTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com