Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8S512K32AP-20/SPACE Datasheet(PDF) 10 Page - Austin Semiconductor

Part # AS8S512K32AP-20/SPACE
Description  512K x 32 SRAM SRAM MEMORY ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S512K32AP-20/SPACE Datasheet(HTML) 10 Page - Austin Semiconductor

Back Button AS8S512K32AP-20/SPACE Datasheet HTML 6Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 7Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 8Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 9Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 10Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 11Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 12Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 13Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 14Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8S512K32
& AS8S512K32A
AS8S512K32 & AS8S512K32A
Rev. 6.0 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
Austin Semiconductor, Inc.
1
D2
D3
Dimensions in inches
e
L1
R
.050 BSC
.010 TYP
ASI PACKAGE SPECIFICATION
A1
D1
B
D
b
A
Symbol
.890
.200
Max
.080
.017
.070
.010 REF
.870
.013
Min
.800 BSC
1.010
1.030
.050
.065
D
D1
D2
b
e
D3
A
A1
B
L1
R
.975
.995
MECHANICAL DEFINITIONS*
ASI Package Designator Q2
*All measurements are in inches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com