Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8S512K32AP-20/SPACE Datasheet(PDF) 11 Page - Austin Semiconductor

Part # AS8S512K32AP-20/SPACE
Description  512K x 32 SRAM SRAM MEMORY ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S512K32AP-20/SPACE Datasheet(HTML) 11 Page - Austin Semiconductor

Back Button AS8S512K32AP-20/SPACE Datasheet HTML 6Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 7Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 8Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 9Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 10Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 11Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 12Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 13Page - Austin Semiconductor AS8S512K32AP-20/SPACE Datasheet HTML 14Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8S512K32
& AS8S512K32A
AS8S512K32 & AS8S512K32A
Rev. 6.0 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
ASI Case #904 (Package Designator P )
SMD 5962-94611, Case Outline T
*All measurements are in inches.
4 x D
D1
D2
E1
Pin 66
e
Pin 11
Pin 1
(identified by
0.060 square pad)
Pin 56
A
A1
L
φb
e
φb1
MIN
MAX
A
0.144
0.181
A1
0.025
0.035
φb
0.016
0.020
φb1
0.045
0.055
D
1.065
1.085
D1/E1
D2
e
L
0.145
0.155
0.600 TYP
0.100 TYP
SYMBOL
1.000 TYP
SMD SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com