Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP40D17 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP40D17
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP40D17 Datasheet HTML 25Page - Microchip Technology MCP40D17 Datasheet HTML 26Page - Microchip Technology MCP40D17 Datasheet HTML 27Page - Microchip Technology MCP40D17 Datasheet HTML 28Page - Microchip Technology MCP40D17 Datasheet HTML 29Page - Microchip Technology MCP40D17 Datasheet HTML 30Page - Microchip Technology MCP40D17 Datasheet HTML 31Page - Microchip Technology MCP40D17 Datasheet HTML 32Page - Microchip Technology MCP40D17 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22152B-page 29
MCP40D17/18/19
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
Additional descriptions of the device pins follow.
TABLE 3-1:
PINOUT DESCRIPTION FOR THE MCP40D17/18/19
Pin
Name
Pin Number
Pin
Type
Buffer
Type
Function
MCP40D17
(SC70-6)
MCP40D18
(SC70-6)
MCP40D19
(SC70-5)
VDD
1
1
1
P
—
Positive Power Supply Input
VSS
2
2
2
P
—
Ground
SCL
333
I/O
ST (OD) I2C Serial Clock pin
SDA
444
I/O
ST (OD) I2C Serial Data pin
B
5
—
—
I/O
A
Potentiometer Terminal B
W
6
5
5
I/O
A
Potentiometer Wiper Terminal
A
—
6
—
I/O
A
Potentiometer Terminal A
Legend: A = Analog input
ST (OD) = Schmitt Trigger with Open Drain
I = Input
O = Output
I/O = Input/Output
P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com