Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP40D17 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP40D17
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17 Datasheet(HTML) 3 Page - Microchip Technology

  MCP40D17 Datasheet HTML 1Page - Microchip Technology MCP40D17 Datasheet HTML 2Page - Microchip Technology MCP40D17 Datasheet HTML 3Page - Microchip Technology MCP40D17 Datasheet HTML 4Page - Microchip Technology MCP40D17 Datasheet HTML 5Page - Microchip Technology MCP40D17 Datasheet HTML 6Page - Microchip Technology MCP40D17 Datasheet HTML 7Page - Microchip Technology MCP40D17 Datasheet HTML 8Page - Microchip Technology MCP40D17 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22152B-page 3
MCP40D17/18/19
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Voltage on VDD with respect to VSS ..... -0.6V to +7.0V
Voltage on SCL, and SDA with respect to VSS
............................................................................. -0.6V to 12.5V
Voltage on all other pins (A, W, and B)
with respect to VSS ............................ -0.3V to VDD + 0.3V
Input clamp current, IIK
(VI < 0, VI > VDD, VI > VPP ON HV pins) ........... ±20 mA
Output clamp current, IOK
(VO < 0 or VO > VDD) ....................................... ±20 mA
Maximum output current sunk by any Output pin
........................................................................... 25 mA
Maximum output current sourced by any Output pin
........................................................................... 25 mA
Maximum current out of VSS pin ...................... 100 mA
Maximum current into VDD pin ......................... 100 mA
Maximum current into A, W and B pins........... ±2.5 mA
Package power dissipation (TA = +50°C, TJ = +150°C)
SC70-5 ............................................................ 302 mW
SC70-6 ............................................................ 483 mW
Storage temperature .......................... -65°C to +150°C
Ambient temperature with power applied
........................................................... -40°C to +125°C
ESD protection on all pins
........................≥ 4 kV (HBM)
........................................................................≥ 400V (MM)
Maximum Junction Temperature (TJ) .............. +150°C
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com