Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP40D17 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP40D17
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP40D17 Datasheet HTML 14Page - Microchip Technology MCP40D17 Datasheet HTML 15Page - Microchip Technology MCP40D17 Datasheet HTML 16Page - Microchip Technology MCP40D17 Datasheet HTML 17Page - Microchip Technology MCP40D17 Datasheet HTML 18Page - Microchip Technology MCP40D17 Datasheet HTML 19Page - Microchip Technology MCP40D17 Datasheet HTML 20Page - Microchip Technology MCP40D17 Datasheet HTML 21Page - Microchip Technology MCP40D17 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
MCP40D17/18/19
DS22152B-page 18
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-27:
10 k
Ω : Full Scale Error
(FSE) vs. Temperature (VDD = 5.5V, 2.7V, 1.8V).
FIGURE 2-28:
10 k
Ω : Zero Scale Error
(ZSE) vs. Temperature (VDD = 5.5V, 2.7V, 1.8V).
FIGURE 2-29:
10 k
Ω : Nominal Resistance
(
Ω) vs. Temperature and V
DD.
FIGURE 2-30:
10 k
Ω : R
BW Tempco
ΔR
WB / ΔT vs. Code.
FIGURE 2-31:
10 k
Ω : Power-Up Wiper
Response Time.
FIGURE 2-32:
10 k
Ω : Digital Feedthrough
(SCL signal coupling to Wiper pin).
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
-40
0
40
80
120
Ambient Temperature (°C)
2.7
5.5V
1.8V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-40
0
40
80
120
Ambient Temperature (°C)
2.7
5.5V
1.8V
9900
9950
10000
10050
10100
10150
10200
-40
0
40
80
120
Ambient Temperature (°C)
2.7
5.5V
1.8V
0
20
40
60
80
100
0
326496
Wiper Setting (decimal)
2.7V
5.5V
Wiper
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com