Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP40D17 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP40D17
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP40D17 Datasheet HTML 39Page - Microchip Technology MCP40D17 Datasheet HTML 40Page - Microchip Technology MCP40D17 Datasheet HTML 41Page - Microchip Technology MCP40D17 Datasheet HTML 42Page - Microchip Technology MCP40D17 Datasheet HTML 43Page - Microchip Technology MCP40D17 Datasheet HTML 44Page - Microchip Technology MCP40D17 Datasheet HTML 45Page - Microchip Technology MCP40D17 Datasheet HTML 46Page - Microchip Technology MCP40D17 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22152B-page 43
MCP40D17/18/19
6.2
Resistor Configurations
6.2.1
RHEOSTAT CONFIGURATION
When used as a rheostat, two of the three digital
potentiometer’s terminals are used as a resistive
element in the circuit. With terminal W (wiper) and
either terminal A or terminal B, a variable resistor is
created. The resistance will depend on the tap setting
of the wiper (and the wiper’s resistance). The
resistance is controlled by changing the wiper setting
The unused terminal (B or A) should be left floating.
Figure 6-2 shows the two possible resistors that can be
used. Reversing the polarity of the A and B terminals
will not affect operation.
FIGURE 6-2:
Rheostat Configuration.
This allows the control of the total resistance between
the two nodes. The total resistance depends on the
“starting” terminal to the Wiper terminal. So at the code
00h, the RBW resistance is minimal (RW), but the RAW
resistance in maximized (RAB + RW). Conversely, at the
code 3Fh, the RAW resistance is minimal (RW), but the
RBW resistance in maximized (RAB + RW).
The resistance Step size (RS) equates to one LSb of
the resistor.
The pinout for the rheostat devices is such that as the
wiper register is incremented, the resistance of the
resistor will increase (as measured from Terminal B to
the W Terminal).
6.2.2
POTENTIOMETER
CONFIGURATION
When used as a potentiometer, all three terminals of
the device are tied to different nodes in the circuit. This
allows
the
potentiometer
to
output
a
voltage
proportional to the input voltage. This configuration is
sometimes
called
voltage
divider
mode.
The
potentiometer is used to provide a variable voltage by
adjusting the wiper position between the two endpoints
as shown in Figure 6-3. Reversing the polarity of the A
and B terminals will not affect operation.
FIGURE 6-3:
Potentiometer
Configuration.
The temperature coefficient of the RAB resistors is
minimal by design. In this configuration, the resistors all
change uniformly, so minimal variation should be seen.
The Wiper resistor temperature coefficient is different
to the RAB temperature coefficient. The voltage at node
V3 (Figure 6-3) is not dependent on this Wiper
resistance, just the ratio of the RAB resistors, so this
temperature coefficient in most cases can be ignored.
Note:
To avoid damage to the internal wiper
circuitry in this configuration, care should
be taken to insure the current flow never
exceeds 2.5 mA.
A
B
W
Resistor
RAW
RBW
or
Note:
To avoid damage to the internal wiper
circuitry in this configuration, care should
be taken to insure the current flow never
exceeds 2.5 mA.
A
B
W
V1
V3
V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com