Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4162T-103E/MF Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP4162T-103E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4162T-103E/MF Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP4162T-103E/MF Datasheet HTML 41Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 42Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 43Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 44Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 45Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 46Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 47Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 48Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22059B-page 45
MCP414X/416X/424X/426X
7.0
DEVICE COMMANDS
The MCP4XXX’s SPI command format supports 16
memory address locations and four commands. Each
command has two modes. These are:
• Normal Serial Commands
• High-Voltage Serial Commands
Normal serial commands are those where the CS pin is
driven to VIL. With High-Voltage Serial Commands, the
CS pin is driven to VIHH. In each mode, there are four
possible commands. These commands are shown in
Table 7-1.
The 8-bit commands (Increment Wiper and Decre-
ment Wiper
commands) contain a Command Byte,
see Figure 7-1, while 16-bit commands (Read Data
and Write Data commands) contain a Command Byte
and a Data Byte. The Command Byte contains two data
bits, see Figure 7-1.
Table 7-2 shows the supported commands for each
memory location and the corresponding values on the
SDI and SDO pins.
Table 7-3 shows an overview of all the SPI commands
and their interaction with other device features.
7.1
Command Byte
The Command Byte has three fields, the Address, the
Command, and 2 Data bits, see Figure 7-1. Currently
only one of the data bits is defined (D8). This is for the
Write command.
The device memory is accessed when the master
sends a proper Command Byte to select the desired
operation. The memory location getting accessed is
contained in the Command Byte’s AD3:AD0 bits. The
action desired is contained in the Command Byte’s
C1:C0 bits, see Table 7-1. C1:C0 determines if the
desired memory location will be read, written,
Incremented (wiper setting +1) or Decremented (wiper
setting -1). The Increment and Decrement commands
are only valid on the volatile wiper registers, and in
High Voltage commands to enable/disable WiperLock
Technology and Software Write Protect.
As the Command Byte is being loaded into the device
(on the SDI pin), the device’s SDO pin is driving. The
SDO pin will output high bits for the first six bits of that
command. On the 7th bit, the SDO pin will output the
CMDERR bit state (see Section 7.3 “Error Condi-
tion”
). The 8th bit state depends on the the command
selected.
TABLE 7-1:
COMMAND BIT OVERVIEW
FIGURE 7-1:
General SPI Command Formats.
C1:C0
Bit
States
Command
# of
Bits
Operates on
Volatile/
Non-Volatile
memory
11
Read Data
16-Bits Both
00
Write Data
16-Bits Both
01
Increment (1)
8-Bits
Volatile Only
10
Decrement (1)
8-Bits
Volatile Only
Note 1:
High Voltage Increment and Decrement
commands on select non-volatile memory
locations
enable/disable
WiperLock
Technology and the software Write
Protect feature.
A
D
3
A
D
2
A
D
1
A
D
0
C
1
C
0
D
9
D
8
Memory
Command Byte
Data
Address
Bits
Command
Bits
A
D
3
A
D
2
A
D
1
A
D
0
C
1
C
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Memory
16-bit Command
Data
Address
Bits
Command
Bits
0 0 = Write Data
0 1 = INCR
1 0 = DECR
1 1 = Read Data
C C
1 0
Command
Bits
8-bit Command
Command Byte
Data Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com