Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4162T-103E/MF Datasheet(PDF) 85 Page - Microchip Technology

Part # MCP4162T-103E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4162T-103E/MF Datasheet(HTML) 85 Page - Microchip Technology

Back Button MCP4162T-103E/MF Datasheet HTML 80Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 81Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 82Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 83Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 84Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 85Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 86Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 87Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 88Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22059B-page 85
MCP414X/416X/424X/426X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
-XXX
Resistance
Package
Temperature
Range
Device
Device
MCP4141:
Single Non-Volatile 7-bit Potentiometer
MCP4141T:
Single Non-Volatile 7-bit Potentiometer
(Tape and Reel)
MCP4142:
Single Non-Volatile 7-bit Rheostat
MCP4142T:
Single Non-Volatile 7-bit Rheostat
(Tape and Reel)
MCP4161:
Single Non-Volatile 8-bit Potentiometer
MCP4161T:
Single Non-Volatile 8-bit Potentiometer
(Tape and Reel)
MCP4162:
Single Non-Volatile 8-bit Rheostat
MCP4162T:
Single Non-Volatile 8-bit Rheostat
(Tape and Reel)
MCP4241:
Dual Non-Volatile 7-bit Potentiometer
MCP4241T:
Dual Non-Volatile 7-bit Potentiometer
(Tape and Reel)
MCP4242:
Dual Non-Volatile 7-bit Rheostat
MCP4242T:
Dual Non-Volatile 7-bit Rheostat
(Tape and Reel)
MCP4261:
Dual Non-Volatile 8-bit Potentiometer
MCP4261T:
Dual Non-Volatile 8-bit Potentiometer
(Tape and Reel)
MCP4262:
Dual Non-Volatile 8-bit Rheostat
MCP4262T:
Dual Non-Volatile 8-bit Rheostat
(Tape and Reel)
Resistance Version:
502
= 5 kΩ
103
= 10 kΩ
503
= 50 kΩ
104
= 100 kΩ
Temperature Range
I
= -40
°C to +85°C (Industrial)
E= -40
°C to +125°C (Extended)
Package
MF = Plastic Dual Flat No-lead (3x3 DFN), 8/10-lead
ML = Plastic Quad Flat No-lead (4x4 QFN), 16-lead
MS = Plastic Micro Small Outline (MSOP), 8-lead
P
= Plastic Dual In-line (PDIP) (300 mil), 8/14-lead
SN = Plastic Small Outline (SOIC), (150 mil), 8-lead
SL = Plastic Small Outline (SOIC), (150 mil), 14-lead
ST = Plastic Thin Shrink Small Outline (TSSOP), 14-lead
UN = Plastic Micro Small Outline (MSOP), 10-lead
Examples:
a)
MCP4141-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4141T-502E/XX: T/R, 5 kΩ
, 8LD Device
c)
MCP4141-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4141T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4141-503E/XX:
50 kΩ, 8LD Device
f)
MCP4141T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4141-104E/XX:
100 kΩ, 8LD Device
h)
MCP4141T-104E/XX: T/R, 100 kΩ, 8LD Device
a)
MCP4142-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4142T-502E/XX: T/R, 5 kΩ
, 8LD Device
c)
MCP4142-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4142T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4142-503E/XX:
50 kΩ, 8LD Device
f)
MCP4142T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4142-104E/XX:
100 kΩ, 8LD Device
h)
MCP4142T-104E/XX: T/R, 100 kΩ, 8LD Device
a)
MCP4161-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4161T-502E/XX: T/R, 5 kΩ
, 8LD Device
c)
MCP4161-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4161T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4161-503E/XX:
50 kΩ, 8LD Device
f)
MCP4161T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4161-104E/XX:
100 kΩ, 8LD Device
h)
MCP4161T-104E/XX: T/R, 100 kΩ, 8LD Device
a)
MCP4162-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4162T-502E/XX: T/R, 5 kΩ
, 8LD Device
c)
MCP4162-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4162T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4162-503E/XX:
50 kΩ, 8LD Device
f)
MCP4162T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4162-104E/XX:
100 kΩ, 8LD Device
h)
MCP4162T-104E/XX: T/R, 100 kΩ, 8LD Device
a)
MCP4241-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4241T-502E/XX: T/R, 5 kΩ
, 8LD Device
c)
MCP4241-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4241T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4241-503E/XX:
50 kΩ, 8LD Device
f)
MCP4241T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4241-104E/XX:
100 kΩ, 8LD Device
h)
MCP4241T-104E/XX: T/R, 100 kΩ, 8LD Device
a)
MCP4242-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4242T-502E/XX: T/R, 5 kΩ
, 8LD Device
c)
MCP4242-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4242T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4242-503E/XX:
50 kΩ, 8LD Device
f)
MCP4242T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4242-104E/XX:
100 kΩ, 8LD Device
h)
MCP4242T-104E/XX: T/R, 100 kΩ, 8LD Device
a)
MCP4261-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4261T-502E/XX: T/R, 5 kΩ
, 8LD Device
c)
MCP4261-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4261T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4261-503E/XX:
50 kΩ, 8LD Device
f)
MCP4261T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4261-104E/XX:
100 kΩ, 8LD Device
h)
MCP4261T-104E/XX: T/R, 100 kΩ, 8LD Device
a)
MCP4262-502E/XX:
5 kΩ
, 8LD Device
b)
MCP4262T-502E/XX: T/R, 5 kΩ
, 8LD Device
c)
MCP4262-103E/XX:
10 kΩ, 8-LD Device
d)
MCP4262T-103E/XX: T/R, 10 kΩ, 8LD Device
e)
MCP4262-503E/XX:
50 kΩ, 8LD Device
f)
MCP4262T-503E/XX: T/R, 50 kΩ, 8LD Device
g)
MCP4262-104E/XX:
100 kΩ, 8LD Device
h)
MCP4262T-104E/XX: T/R, 100 kΩ, 8LD Device
XX
= MF for 8/10-lead 3x3 DFN
= ML for 16-lead QFN
= MS for 8-lead MSOP
= P for 8/14-lead PDIP
= SN for 8-lead SOIC
= SL for 14-lead SOIC
= ST for 14-lead TSSOP
= UN for 10-lead MSOP
Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com