Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4162T-103E/MF Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP4162T-103E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4162T-103E/MF Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP4162T-103E/MF Datasheet HTML 56Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 57Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 58Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 59Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 60Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 61Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 62Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 63Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
MCP414X/416X/424X/426X
DS22059B-page 60
© 2008 Microchip Technology Inc.
8.2
Techniques to force the CS pin to
VIHH
The circuit in Figure 8-3 shows a method using the
TC1240A doubling charge pump. When the SHDN pin
is high, the TC1240A is off, and the level on the CS pin
is controlled by the PIC® microcontrollers (MCUs) IO2
pin.
When the SHDN pin is low, the TC1240A is on and the
VOUT voltage is 2 * VDD. The resistor R1 allows the CS
pin to go higher than the voltage such that the PIC
MCU’s IO2 pin “clamps” at approximately VDD.
FIGURE 8-3:
Using the TC1240A to
generate the VIHH voltage.
The circuit in Figure 8-4 shows the method used on the
MCP402X Non-volatile Digital Potentiometer Evalua-
tion Board (Part Number: MCP402XEV). This method
requires that the system voltage be approximately 5V.
This ensures that when the PIC10F206 enters a
brown-out condition, there is an insufficient voltage
level on the CS pin to change the stored value of the
wiper. The MCP402X Non-volatile Digital Potentiome-
ter Evaluation Board User’s Guide (DS51546) contains
a complete schematic.
GP0 is a general purpose I/O pin, while GP2 can either
be a general purpose I/O pin or it can output the internal
clock.
For the serial commands, configure the GP2 pin as an
input (high impedance). The output state of the GP0 pin
will determine the voltage on the CS pin (VIL or VIH).
For high-voltage serial commands, force the GP0
output pin to output a high level (VOH) and configure the
GP2 pin to output the internal clock. This will form a
charge pump and increase the voltage on the CS pin
(when the system voltage is approximately 5V).
FIGURE 8-4:
MCP4XXX Non-volatile
Digital Potentiometer Evaluation Board
(MCP402XEV) implementation to generate the
VIHH voltage.
8.3
Using Shutdown Modes
Figure 8-5 shows a possible application circuit where
the
independent
terminals
could
be
used.
Disconnecting the wiper allows the transistor input to
be taken to the Bias voltage level (disconnecting A and
or B may be desired to reduce system current).
Disconnecting Terminal A modifies the transistor input
by the RBW rheostat value to the Common B.
Disconnecting Terminal B modifies the transistor input
by the RAW rheostat value to the Common A. The
Common A and Common B connections could be
connected to VDD and VSS.
FIGURE 8-5:
Example Application Circuit
using Terminal Disconnects.
CS
PIC MCU
MCP402X
R1
IO1
IO2
C2
TC1240A
VIN
SHDN
C+
C-
VOUT
C1
CS
PIC10F206
MCP4XXX
R1
GP0
GP2
C2
C1
Balance
Bias
W
B
Input
Input
To base
of Transistor
(or Amplifier)
A
Common B
Common A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com