Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4162T-103E/MF Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP4162T-103E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4162T-103E/MF Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP4162T-103E/MF Datasheet HTML 52Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 53Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 54Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 55Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 56Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 57Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 58Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 59Page - Microchip Technology MCP4162T-103E/MF Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
MCP414X/416X/424X/426X
DS22059B-page 56
© 2008 Microchip Technology Inc.
7.8.2
CONTINUOUS DECREMENTS
Continuous Decrements are possible only when writing
to the volatile memory registers (address 00h, 01h, and
04h).
Figure 7-9 shows a continuous Decrement sequence
for three continuous writes. The writes do not need to
be to the same volatile memory address.
When executing an continuous Decrement commands,
the selected wiper will be altered from n to n-1 for each
Decrement command received. The wiper value will
decrement from the wipers Full Scale value (100h on
8-bit devices and 80h on 7-bit devices). Above the
wipers Full-Scale value (8-bit =101h to 1FFh,
7-bit = 81h to FFh), the decrement command is
disabled. If the Wiper register has a Zero Scale value
(000h), then the wiper value will not decrement. See
Table 7-4 for additional information on the Decrement
Command vs. the current volatile wiper value.
Decrement commands can be sent repeatedly without
raising CS until a desired condition is met. The value in
the Volatile Wiper register can be read using a Read
Command
and
written
to
the
corresponding
Non-Volatile Wiper EEPROM using a Write Command.
When executing a continuous command string, The
Decrement command can be followed by any other
valid command.
The wiper terminal will move after the command has
been received (8th clock).
After the wiper is decremented to the desired position,
the CS pin should be forced to VIH to ensure that
“unexpected” transitions (on the SCK pin do not cause
the wiper setting to change). Driving the CS pin to VIH
should occur as soon as possible (within device
specifications) after the last desired decrement occurs.
FIGURE 7-9:
Continuous Decrement Command - SDI and SDO States.
A
D
3
A
D
2
A
D
1
A
D
0
1
0
XXA
D
3
A
D
2
A
D
1
A
D
0
1
0
XXA
D
3
A
D
2
A
D
1
A
D
0
10
X X
111111 1* 11
11111 1* 1111111 1* 1 Note 1, 2
111111
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 Note 3, 4
111111111
11111
0
0
0
0
0
0
0
0
0
0 Note 3, 4
111111111
1111111111111
0
0 Note 3, 4
(DECR COMMAND (n-1) )
(DECR COMMAND (n-1) )
(DECR COMMAND (n-1) )
SDI
SDO
COMMAND BYTE
COMMAND BYTE
COMMAND BYTE
Note 1:
Only functions when writing the volatile wiper registers (AD3:AD0) 0h and 1h.
2:
Valid Address/Command combination.
3:
Invalid Address/Command combination.
4:
If an Error Condition occurs (CMDERR = L), all following SDO bits will be low until the CMDERR
condition is cleared (the CS pin is forced to the inactive state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com