Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA1 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1 Datasheet HTML 38Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 39Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 40Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 41Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 42Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 43Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 44Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 45Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 134 page
background image
Chapter 5 Resets, Interrupts, and General System Control
SC9RS08KA2 Series Data Sheet, Rev. 1
42
Freescale Semiconductor
NOTE
To power down the internal 1-kHz oscillator completely in MCU STOP
mode, RTIS bits must be selected to %000 and RTICLKS bit must be set
to 1.
4
RTIE
Real-Time Interrupt Enable — This read-write bit enables real-time interrupts.
0 Real-time interrupts disabled.
1 Real-time interrupts enabled.
2:0
RTIS
Real-Time Interrupt Delay Selects — These read/write bits select the period for the RTI. See Table 5-7.
Table 5-7. Real-Time Interrupt Period
RTIS
RTI Timeout1
1 Timeout values shown based on RTI clock source of 1 ms period. Consult
electricals for tolerances of internal 1-kHz source, tRTI (Table A-8) and the
internal 32-kHz from ICS (Table A-7).
000
Disable RTI
001
8 ms
010
32 ms
011
64 ms
100
128 ms
101
256 ms
110
512 ms
111
1.024 s
Table 5-6. SRTISC Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com