Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA1 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1 Datasheet HTML 43Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 44Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 45Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 46Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 47Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 48Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 49Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 50Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 134 page
background image
Chapter 6 Parallel Input/Output Control
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
47
6.3
Pin Control Registers
This section provides information about the registers associated with the parallel I/O ports that are used
for pin control functions.
Refer to tables in Chapter 4, “Memory,” for the absolute address assignments of the pin control registers.
This section refers to registers and control bits only by their names. A Freescale Semiconductor-provided
equate or header file normally is used to translate these names into the appropriate absolute addresses.
6.3.1
Port A Pin Control Registers
The pins associated with port A are controlled by the registers provided in this section. These registers
control the pin pullup/pulldown and slew rate of the port A pins independent of the parallel I/O registers.
6.3.1.1
Internal Pulling Device Enable
An internal pulling device can be enabled for each port pin by setting the corresponding bit in the pulling
device enable register (PTAPEn). The pulling device is disabled if the pin is configured as an output by the
parallel I/O control logic or any shared peripheral output function regardless of the state of the
Table 6-1. PTAD Register Field Descriptions
Field
Description
5:0
PTAD[5:0]
Port A Data Register Bits — For port A pins that are inputs, reads return the logic level on the pin. For port A
pins that are configured as outputs, reads return the last value written to this register. Writes are latched into all
bits of this register. For port A pins that are configured as outputs, the logic level is driven out the corresponding
MCU pin.
Reset forces PTAD to all 0s, but these 0s are not driven out the corresponding pins because reset also configures
all port pins as high-impedance inputs with pullup/pulldowns disabled.
76
54
321
0
R
00
PTADD5
PTADD4
00
PTADD1
PTADD0
W
Reset:
000
00
000
Figure 6-3. Port A Data Direction Register (PTADD)
Table 6-2. PTADD Register Field Descriptions
Field
Description
5:4,1:0
PTADD[5:4,1:0]
Data Direction for Port A Bits — These read/write bits control the direction of port A pins and what is read
for PTAD reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port A bit n and PTAD reads return the contents of PTADn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com