Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA1 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1 Datasheet HTML 53Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 54Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 55Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 56Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 57Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 58Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 59Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 60Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 134 page
background image
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
57
Chapter 8
Central Processor Unit (RS08CPUV1)
8.1
Introduction
This chapter is a summary of information about the registers, addressing modes, and instruction set of the
RS08 Family CPU. For a more detailed discussion, refer to the RS08 Core Reference Manual, volume 1,
Freescale Semiconductor document order number RS08RMv1.
The RS08 CPU has been developed to target extremely low-cost embedded applications using a
process-independent design methodology, allowing it to keep pace with rapid developments in silicon
processing technology.
The main features of the RS08 core are:
•
Streamlined programmer’s model
•
Subset of HCS08 instruction set with minor instruction extensions
•
Minimal instruction set for cost-sensitive embedded applications
•
New instructions for shadow program counter manipulation, SHA and SLA
•
New short and tiny addressing modes for code size optimization
•
16K bytes accessible memory space
•
Reset will fetch the first instruction from $3FFD
•
Low-power modes supported through the execution of the STOP and WAIT instructions
•
Debug and FLASH programming support using the background debug controller module
•
Illegal address and opcode detection with reset
8.2
Programmer’s Model and CPU Registers
Figure 8-1 shows the programmer’s model for the RS08 CPU. These registers are not located in the
memory map of the microcontroller. They are built directly inside the CPU logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com