Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA1 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1 Datasheet HTML 40Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 41Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 42Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 43Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 44Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 45Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 46Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 47Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 134 page
background image
Chapter 5 Resets, Interrupts, and General System Control
SC9RS08KA2 Series Data Sheet, Rev. 1
44
Freescale Semiconductor
5.8.6
System Interrupt Pending Register (SIP1)
This high page register contains status of the pending interrupt from the modules.
Figure 5-7. System Interrupt Pending Register (SIP1)
76
54
321
0
R
0
0
0
KBI
ACMP
MTIM
RTI
LVD
W
Reset:
000
00
000
= Unimplemented or Reserved
Table 5-9. SIP1 Register Field Descriptions
Field
Description
4
KBI
Keyboard Interrupt Pending — This read-only bit indicates there is a pending interrupt from the KBI module.
Clearing the KBF flag of the KBISC register clears this bit. Reset also clears this bit.
0 There is no pending KBI interrupt; i.e., KBF flag and/or KBIE bit is cleared.
1 There is a pending KBI interrupt; i.e., KBF flag and KBIE bit are set.
3
ACMP
Analog Comparator Interrupt Pending — This read-only bit indicates there is a pending interrupt from the
ACMP module. Clearing the ACF flag of the ACMPSC register clears this bit. Reset also clears this bit.
0 There is no pending ACMP interrupt; i.e., ACF flag and/or ACIE bit is cleared.
1 There is a pending a ACMP interrupt; i.e., ACF flag and ACIE bit are set.
2
MTIM
Modulo Timer Interrupt Pending — This read-only bit indicates there is a pending interrupt from the MTIM
module. Clearing the TOF flag of the MTIMSC register clears this bit. Reset also clears this bit.
0 There is no pending MTIM interrupt; i.e., TOF flag and/or TOIE bit is cleared.
1 There is a pending MTIM interrupt; i.e., TOF flag and TOIE bit are set.
1
RTI
Real-Time Interrupt Pending — This read-only bit indicates there is a pending interrupt from the RTI. Clearing
the RTIF flag of the SRTISC register clears this bit. Reset also clears this bit.
0 There is no pending RTI interrupt; i.e., RTIF flag and/or RTIE bit is cleared.
1 There is a pending RTI interrupt; i.e., RTIF flag and RTIE bit are set.
0
LVD
Low-Voltage Detect Interrupt Pending — This read-only bit indicates there is a pending interrupt from the low
voltage detect module. Clearing the LVDF flag of the SPMSC1 register clears this bit. Reset also clears this bit.
0 There is no pending LVD interrupt; i.e., LVDF flag and/or LVDE bit is cleared.
1 There is a pending LVD interrupt; i.e., LVDF flag, LVDIE, and LVDE bits are set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com