Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA2J3CDB Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CDB
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CDB Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CDB Datasheet HTML 103Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 104Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 105Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 106Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 107Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 108Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 109Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 110Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 134 page
background image
Chapter 12 Development Support
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
107
WRITE_A
Active background
mode
48/WD/d
Write accumulator (A)
READ_CCR_PC
Active background
mode
6B/d/RD165
Read the CCR bits z, c concatenated with
the 14-bit program counter (PC)
RD16=zc:PC
WRITE_CCR_PC
Active background
mode
4B/WD16/d6
Write the CCR bits z, c concatenated with
the 14-bit program counter (PC)
WD16=zc:PC
READ_SPC
Active background
mode
6F/d/RD167
Read the 14-bit shadow program counter
(SPC)
RD16=0:0:SPC
WRITE_SPC
Active background
mode
4F/WD16/d8
Write 14-bit shadow program counter
(SPC)
WD16 = x:x:SPC, the two most significant
bits shown by “x” are ignored by target
1
The SYNC command is a special operation which does not have a command code.
2
18 was HCS08 BDC command for TAGGO.
3
Each RD requires a delay between host read data byte and next read, command ends when target detects a soft-reset.
4
Each WD requires a delay between host write data byte and next byte, command ends when target detects a soft-reset.
5
HCS08 BDC had separate READ_CCR and READ_PC commands, the RS08 BDC combined this commands.
6
HCS08 BDC had separate WRITE_CCR and WRITE_PC commands, the RS08 BDC combined this commands.
7
6F is READ_SP (read stack pointer) for HCS08 BDC.
8
4F is WRITE_SP (write stack pointer) for HCS08 BDC.
Table 12-2. RS08 BDC Command Summary (continued)
Command
Mnemonic
Active Background
Mode/
Non-Intrusive
Coding
Structure
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com