Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA2J3CDB Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CDB
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CDB Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CDB Datasheet HTML 106Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 107Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 108Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 109Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 110Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 111Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 112Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 113Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 134 page
background image
Appendix A Electrical Characteristics
SC9RS08KA2 Series Data Sheet, Rev. 1
110
Freescale Semiconductor
A.3
Thermal Characteristics
This section provides information about operating temperature range, power dissipation, and package
thermal resistance. Power dissipation on I/O pins is usually small compared to the power dissipation in
on-chip logic and voltage regulator circuits and it is user-determined rather than being controlled by the
MCU design. In order to take PI/O into account in power calculations, determine the difference between
actual pin voltage and VSS or VDD and multiply by the pin current for each I/O pin. Except in cases of
unusually high pin current (heavy loads), the difference between pin voltage and VSS or VDD will be very
small.
The average chip-junction temperature (TJ) in °C can be obtained from:
TJ = TA + (PD × θJA)
Eqn. A-1
where:
TA = Ambient temperature, °C
θJA = Package thermal resistance, junction-to-ambient, °C/W
PD = Pint + PI/O
Pint = IDD × VDD, Watts — chip internal power
PI/O = Power dissipation on input and output pins — user determined
For most applications, PI/O << Pint and can be neglected. An approximate relationship between PD and TJ
(if PI/O is neglected) is:
Table A-2. Thermal Characteristics
Rating
Symbol
Value
Unit
Operating temperature range (packaged)
TA
TL to TH
–40 to 85
°C
Maximum junction temperature
TJMAX
105
°C
Thermal resistance 1,2,3,4
6-pin DFN
1s
2s2p
8-pin PDIP
1s
2s2p
8-pin SOIC
1s
2s2p
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance,
mounting site (board) temperature, ambient temperature, air flow, power dissipation of other
components on the board, and board thermal resistance.
2 Junction to Ambient Natural Convection
3 1s - Single Layer Board, one signal layer
4 2s2p - Four Layer Board, 2 signal and 2 power layers
θ
JA
225
53
115
74
160
98
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com