Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC9RS08KA2J3CDB Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CDB
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CDB Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CDB Datasheet HTML 107Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 108Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 109Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 110Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 111Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 112Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 113Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 114Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 134 page
background image
Appendix A Electrical Characteristics
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
111
PD = K ÷ (TJ + 273°C)
Eqn. A-2
Solving Equation A-1 and Equation A-2 for K gives:
K = PD × (TA + 273°C) + θJA × (PD)
2
Eqn. A-3
where K is a constant pertaining to the particular part. K can be determined from Equation A-3 by
measuring PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ can be
obtained by solving equations 1 and 2 iteratively for any value of TA.
A.4
Electrostatic Discharge (ESD) Protection Characteristics
Although damage from static discharge is much less common on these devices than on early CMOS
circuits, normal handling precautions should be used to avoid exposure to static discharge. Qualification
tests are performed to ensure that these devices can withstand exposure to reasonable levels of static
without suffering any permanent damage. All ESD testing is in conformity with CDF-AEC-Q00 Stress
Test Qualification for Automotive Grade Integrated Circuits. (http://www.aecouncil.com/) A device is
considered to have failed if, after exposure to ESD pulses, the device no longer meets the device
specification requirements. Complete dc parametric and functional testing is performed per the applicable
device specification at room temperature followed by hot temperature, unless specified otherwise in the
device specification.
A.5
DC Characteristics
This section includes information about power supply requirements, I/O pin characteristics, and power
supply current in various operating modes.
Table A-3. ESD Protection Characteristics
Parameter
Symbol
Value
Unit
ESD Target for Machine Model (MM)
MM circuit description
VTHMM
200
V
ESD Target for Human Body Model (HBM)
HBM circuit description
VTHHBM
2000
V
Table A-4. DC Characteristics
(Temperature Range = –40 to 85
°C Ambient)
Parameter
Symbol
Min
Typical
Max
Unit
Supply voltage (run, wait and stop modes.)
0 < fBus <10MHz
VDD
1.8
—
5.5
V
Minimum RAM retention supply voltage applied to VDD
VRAM
0.8 1
——
V
Low-voltage Detection threshold
(VDD falling)
(VDD rising)
VLVD
1.80
1.88
1.86
1.94
1.95
2.03
V
Power on RESET (POR) voltage
VPOR
0.9
1.4
1.7
V
Input high voltage (VDD > 2.3V) (all digital inputs)
VIH
0.70
× V
DD
——
V
Input high voltage (1.8 V
≤ V
DD ≤ 2.3 V) (all digital inputs)
VIH
0.85
× V
DD
——
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com