Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643LF0MLQ1R Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0MLQ1R
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0MLQ1R Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0MLQ1R Datasheet HTML 18Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 19Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 20Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 21Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 22Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 23Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 24Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 25Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Package pinouts and signal descriptions
Freescale Semiconductor
22
1.3.40
Voltage regulator / Power Management Unit (PMU)
The on-chip voltage regulator module provides the following features:
•
Single external rail required
•
Single high supply required: nominal 3.3 V both for packaged and Known Good Die option
— Packaged option requires external ballast transistor due to reduced dissipation capacity at high temperature but
can use embedded transistor if power dissipation is maintained within package dissipation capacity (lower
frequency of operation)
— Known Good Die option uses embedded ballast transistor as dissipation capacity is increased to reduce system
cost
•
All I/Os are at same voltage as external supply (3.3 V nominal)
•
Duplicated Low-Voltage Detectors (LVD) to guarantee proper operation at all stages (reset, configuration, normal
operation) and, to maximize safety coverage, one LVD can be tested while the other operates (on-line self-testing
feature)
1.3.41
Built-In Self-Test (BIST) capability
This device includes the following protection against latent faults:
•
Boot-time Memory Built-In Self-Test (MBIST)
•
Boot-time scan-based Logic Built-In Self-Test (LBIST)
•
Run-time ADC Built-In Self-Test (BIST)
•
Run-time Built-In Self Test of LVDs
2
Package pinouts and signal descriptions
2.1
Package pinouts
Figure 2 shows the MPC5643L in the 144 LQFP package. Figure 3 shows the MPC5643L in the 257 MAPBGA package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com