Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643LF0MLQ1R Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0MLQ1R
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0MLQ1R Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0MLQ1R Datasheet HTML 15Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 18Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 19Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 20Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 21Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 22Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
Overview
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
19
1.3.33
Analog-to-Digital Converter module (ADC)
The ADC module features are as follows:
Analog part:
•
Two on-chip ADCs
— 12-bit resolution SAR architecture
— Same digital interface as in the MPC5604P family
— A/D Channels: Nine external, Three internal and Four shared with other A/D. Total 16
— One channel dedicated to each T-sensor to enable temperature reading during application
— Separated reference for each ADC
— Shared analog supply voltage for both ADCs
— One sample and hold unit per ADC
— Adjustable sampling and conversion time
Digital part:
•
Four analog watchdogs comparing ADC results against predefined levels (low, high, range) before results are stored
in the appropriate ADC result location
•
Two modes of operation: Motor Control Mode or Regular Mode
•
Regular mode features
— Register based interface with the CPU: one result register per channel
— ADC state machine managing three request flows: regular command, hardware injected command, software
injected command
— Selectable priority between software and hardware injected commands
— Four analog watchdogs comparing ADC results against predefined levels (low, high, range)
— DMA compatible interface
•
Motor control mode features
— Triggered mode only
— Four independent result queues (1
× 16 entries, 2 × 8 entries, 1 × 4 entries)
— Result alignment circuitry (left justified; right justified)
— 32-bit read mode allows to have channel ID on one of the 16-bit parts
— DMA compatible interfaces
•
Built-in self-test features triggered by software
1.3.34
Cross Triggering Unit (CTU)
The ADC cross triggering unit allows automatic generation of ADC conversion requests on user selected conditions without
CPU load during the PWM period and with minimized CPU load for dynamic configuration.
The CTU implements the following features:
•
Cross triggering between ADC, FlexPWM, eTimer, and external pins
•
Double buffered trigger generation unit with as many as eight independent triggers generated from external triggers
•
Maximum operating frequency less than or equal to 120 MHz
•
Trigger generation unit configurable in sequential mode or in triggered mode
•
Trigger delay unit to compensate the delay of external low pass filter
•
Double buffered global trigger unit allowing eTimer synchronization and/or ADC command generation
•
Double buffered ADC command list pointers to minimize ADC-trigger unit update
•
Double buffered ADC conversion command list with as many as 24 ADC commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com