Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643LF0MLQ1R Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0MLQ1R
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0MLQ1R Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0MLQ1R Datasheet HTML 56Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 57Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 58Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 59Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 60Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 61Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
60
3.4
Thermal characteristics
VSS_LV_REGCOR
4 SR Internal reference voltage
—
0
0
V
VDD_LV_CORx
2
SR Internal supply voltage
—
—
—
V
VSS_LV_CORx
3
SR Internal reference voltage
—
0
0
V
VDD_LV_PLL
2
SR Internal supply voltage
—
—
—
V
VSS_LV_PLL
3
SR Internal reference voltage
—
0
0
V
TA
SR Ambient temperature under bias
fCPU
≤ 120 MHz
–40
125
°C
TJ
SR Junction temperature under bias
—
–40
150
°C
NOTES:
1 Full functionality cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical characteristics
and I/Os DC electrical specification may not be guaranteed.
2 V
DD_HV_ADR0 and VDD_HV_ADR1 cannot be operated be operated at different voltages, and need to be supplied by
the same voltage source.
3 Can be connected to emitter of external NPN. Low voltage supplies are not under user control. They are produced
by an on-chip voltage regulator.
4 For the device to function properly, the low voltage grounds (V
SS_LV_xxx) must be shorted to high voltage grounds
(VSS_HV_xxx) and the low voltage supply pins (VDD_LV_xxx) must be connected to the external ballast emitter, if one
is used.
Table 10. Thermal characteristics for 144 LQFP package1
NOTES:
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
No.
Symbol
Parameter
Conditions
Value Unit
1RθJA
D
Thermal resistance junction-to-ambient
natural convection2
2 Junction-to-Ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board
meets JEDEC specification for this package.
Single layer board – 1s
TBD °C/W
2RθJA
D
Thermal resistance junction-to-ambient
natural convection2
Four layer board – 2s2p
TBD °C/W
5RθJB
D
Thermal resistance junction-to-board3
3 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC
specification for the specified package.
—TBD °C/W
6RθJC
D
Thermal resistance junction-to-case4
4 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate
temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer.
—TBD °C/W
7
Ψ
JT
D
Junction-to-package-top natural convection5
5 Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter
is written as Psi-JT.
—TBD °C/W
Table 9. Recommended operating conditions (3.3 V) (continued)
Symbol
Parameter
Conditions
Min
Max1
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com