Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643LF0MLQ1R Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0MLQ1R
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0MLQ1R Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0MLQ1R Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 18Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 19Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 20Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 21Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 22Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 23Page - Freescale Semiconductor, Inc SPC5643LF0MLQ1R Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
20
•
Each trigger capable of generating consecutive commands
•
ADC conversion command allows control of ADC channel from each ADC, single or synchronous sampling,
independent result queue selection
•
DMA support with safety features
1.3.35
Cyclic Redundancy Checker (CRC) Unit
The CRC module is a configurable multiple data flow unit to compute CRC signatures on data written to input register.
The CRC unit has the following features:
•
Three sets of registers to allow three concurrent contexts with possibly different CRC computations, each with a
selectable polynomial and seed
•
Computes 16- or 32-bit wide CRC on the fly (single-cycle computation) and stores result in internal register.
The following standard CRC polynomials are implemented:
— x16 + x12 + x5 + 1 [16-bit CRC-CCITT]
— x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 + x4 + x2 + x +1
[32-bit CRC-ethernet(32)]
•
Key engine to be coupled with communication periphery where CRC application is added to allow implementation of
safe communication protocol
•
Offloads core from cycle-consuming CRC and helps checking configuration signature for safe start-up or periodic
procedures
•
CRC unit connected as peripheral bus on internal peripheral bus
•
DMA support
1.3.36
Redundancy Control and Checker Unit (RCCU)
The RCCU checks all outputs of the sphere of replication (addresses, data, control signals). It has the following features:
•
Duplicated module to guarantee highest possible diagnostic coverage (check of checker)
•
Multiple times replicated IPs are used as checkers on the SoR outputs
1.3.37
Junction temperature sensor
The junction temperature sensor is used by the ADC to measure the temperature of the silicon.
The key parameters of the junction temperature sensor include:
•
Nominal temperature range from –40 to 150 °C
•
Software temperature alarm via analog ADC comparator possible
1.3.38
Nexus Port Controller (NPC)
The NPC block provides real-time development support capabilities for this device in compliance with the IEEE-ISTO
5001-2008 standard. This development support is supplied for MCUs without requiring external address and data pins for
internal visibility.
The NPC block interfaces to the host processor and internal buses to provide development support as per the IEEE-ISTO
5001-2008 Class 3+, including selected features from Class 4 standard.
The development support provided includes program trace, data trace, watchpoint trace, ownership trace, run-time access to the
MCUs internal memory map and access to the Power Architecture internal registers during halt. The Nexus interface also
supports a JTAG only mode using only the JTAG pins. The following features are implemented:
•
Full and reduced port modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com