Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892VL/R2 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # PC13892VL/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892VL/R2 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button PC13892VL/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
31
13892
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
VVIDEO ACTIVE MODE - AC (CONTINUED)
Transient Line Response
IL = 75% of ILMAX
VVIDEOTLIR
-
5.0
8.0
mV
Mode Transition Time
From low power to active, VIN = VINMIN, VINMAX, IL =ILMAXLP
VVIDEOtMOD
+
-
-
100
µs
Mode Transition Response(36)
From low power to active and from active to low power, VIN = VINMIN, VINMAX,
IL = ILMAXLP
VVIDEOMTR
-
1.0
2.0
%
PSRR - IL = 75% of ILMAX, 20 Hz to 20 kHz
VIN = VINMIN + 100 mV, > UVDET
VIN = VNOM + 1.0 V, > UVDET
VAUDIOPSS
R
35
50
40
60
-
-
dB
Output Noise - VIN = VINMIN, IL = 0.75*ILmax
100 Hz – 1.0 kHz
>1.0 kHz – 10 kHz
>10 kHz – 1.0 MHz
VAUDIOON
-
-
-
-
-
-
-114
-124
-129
dBV/
√Hz
Spurs
32.768 kHz and harmonics
VAUDIOSP
-
-
-120
dB
Turn-on Time
Enable to 90% of end value, VIN = VINMIN, VINMAX, IL = 0
VAUDIOtON
-
-
1.0
ms
Turn-off Time
Disable to 10% of initial value, VIN = VINMIN, VINMAX, IL = 0
VAUDIOtOFF
0.1
-
10
ms
Start-up Overshoot
VIN = VINMIN, VINMAX, IL = 0
VAUDIOOS
-
1.0
2.0
%
Transient Load Response - See Transient Response Waveforms on page 56,
VIN = VINMIN, VINMAX
VAUDIOTLOR
-
1.0
2.0
%
Transient Line Response - See Transient Response Waveforms on page 56
IL = 75% of ILMAX
VAUDIOTLIR
-
5.0
8.0
mV
VPLL AND VDIG ACTIVE MODE - AC
PSRR - IL = 75% of ILMAX, 20 Hz to 20 kHz
VIN = UVDET
VIN = VNOM + 1.0 V, > UVDET
VPLLPSSR
35
50
40
60
-
-
dB
Output Noise - VIN = VINMIN, IL = 0.75*ILMAX
100 Hz – 1.0 kHz
>1 kHz – 1.0 MHz
VPLLON
-
-
20
-
-
2.5
dB/dec
µV/
√Hz
Spurs
32.768 kHz and harmonics
VPLLSP
-
-
-85
dB
Notes
36.
Guaranteed by design.
Table 6. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.1 V
≤ BATT ≤ 4.8 V, --30 ≤ TA ≤ 85°C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com