Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892VL/R2 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # PC13892VL/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892VL/R2 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button PC13892VL/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
13892
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
SWBST (CONTINUED)
Maximum Continuous Load Current ILMAX
3.0 V < VIN < 4.65, VOUT = 5.0 V
IBST
300
-
-
mA
Peak Current Limit(11)
At SWBSTIN; VIN = 3.6 V
BSTPK
700
-
1500
mA
Start-up Overshoot
IL = 0 mA
VBSTOS
-
-
500
mV
Efficiency, IL = ILMAX
SWBSTEFF
65
80
-
%
Bias Current Consumption(11)
IBSTBIAS
-
390
1200
µA
External Components - Used as a condition for all other parameters
Inductor(18)
Inductor Resistance
Inductor saturation current at 30% loss in inductance value
Bypass Capacitor(19)
Bypass Capacitor ESR at resonance
Input Capacitor
Diode current capability
Diode current capability
LBST
R_WBST
ILSAT
COBST
ESRBST
CBSTD
IBSTDPK
IBSTDPK
-20%
-
1.0
-60%
1.0
1.0
850
1500
2.2
-
-
10
-
4.7
-
-
+20%
0.2
-
+35%
10
-
-
-
µH
Ω
A
µF
m
Ω
µF
mAdc
mApk
NMOS Off Leakage, SWBSTIN = 4.5 V, SWBSTEN = 0(11)
IBSTIK
-
1.0
5.0
µA
SWLEDOUT
Output Voltage Range at VSWLED(11)
VSWLED
BP
-
25.5
V
Current Load capability(11)
VSWLED = 25.5 V
ILED
30
-
60
mA
LED Driver Headroom
8.0 V< VSWLED < 25.5 V
VLEDHR
0.3
-
0.6
V
External Components
Inductor
Capacitor(20)
Input Capacitor
LLED
COLED
-
-
2.2
3.3
4.7
(30 V)
Or 2x10
(16 V) in
series
4.7
-
-
-
µH
µF
Notes
18.
Preferred device TDK VLS252012 series at 2.5x2.0 mm footprint and 1.2 mm max height
19.
Applications of SWBST should take into account impact of tolerance and voltage derating on the bypass capacitor at the output level.
20.
The typical value represents the nominal rated value of the capacitor and takes into account the strong derating as a function of DC
voltage.
Table 5. Static Electrical Characteristics (Continued)
Currents valid over entire operating temperature range, except at 25°C only. Current in RTC Mode is from LICELL = 2.5 V, in
all other modes from BP = 3.6 V. External loads are not included.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com