Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892VL/R2 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # PC13892VL/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892VL/R2 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button PC13892VL/R2 Datasheet HTML 51Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 52Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 53Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 54Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 55Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 56Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 57Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 58Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
55
13892
FUNCTIONAL DEVICE OPERATION
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
The transient load and line response are specified with the
waveforms as depicted in Figure 10. Note that where the
transient load response refers to the overshoot only, so
excluding the DC shift itself, the transient line response refers
to the sum of both overshoot and DC shift. This is also valid
for the mode transition response.
Table 15. Core Circuitry Main Characteristics
REFERENCE
PARAMETER
TYPICAL
VCOREDIG (Digital core supply)
Output voltage in ON mode (55), (56)
1.5 V
Output voltage in OFF mode(56)
1.2 V
Bypass Capacitor
2.2 µF typ (0.65 µF derated)
VCORE (Analog core supply)
Output voltage in ON mode (55), (56)
2.775 V
Output voltage in OFF mode(56)
0 V
Bypass Capacitor
2.2 µF typ (0.65 µF derated)
REFCORE (Bandgap/Regulator Reference)
Output voltage(55)
1.20 V
Bypass Capacitor
100 nF typ (65 nF derated)
Notes
55.
3.0 V < BP < 4.65 V, no external loading on VCOREDIG, VCORE, or REFCORE. Extended operation down to UVDET with VCORE
down to UVDET, but no system malfunction.
56.
The core is in On mode when charging, or when the state machine of the IC is not in the Off mode, nor in the power cut mode. Otherwise,
the core is in Off mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com