Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892VL/R2 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # PC13892VL/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892VL/R2 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button PC13892VL/R2 Datasheet HTML 42Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 43Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 44Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 45Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 46Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 47Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 48Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 49Page - Freescale Semiconductor, Inc PC13892VL/R2 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
Analog Integrated Circuit Device Data
46
Freescale Semiconductor
13892
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
USB
UID
This pin identifies if a mini-A or mini-B style plug has been
connected to the application. The state of the ID detection
can be read via the SPI, to poll dedicated sense bits for a
floating, grounded, or factory mode condition on the UID pin.
UVBUS
1. USB transceiver cable interface.
2. OTG supply output.
When SWBST is configured to supply the UVBUS pin in
OTG mode, the feedback will switch to sense the UVBUS pin
instead of the SWBSTFB pin.
VUSB
This is the regulator used to provide a voltage to an
external USB transceiver IC.
VINUSB
Input option for VUSB; supplied by SWBST. This pin is
internally connected to the UVBUS pin for OTG mode
operation (for more details about OTG mode See OTG mode
(On the Go) on page 64).
Note: When VUSBIN =1 , UVBUS will be connected via
internal switches to VINUSB and incur some current drain on
that pin, as much as 270uA maximum, so care must be taken
to disable this path and set this SPI bit (VUSBIN) to 0 to
minimize current drain, even if SWBST and/or VUSB are
disabled.
VBUSEN
External VBUS enable pin for the OTG supply. VBUS is
defined as the power rail of the USB cable (+5.0 V).
A TO D CONVERTER
Note: The ADIN5/6/7 inputs must not exceed BP.
ADIN5
ADC generic input channel 5. ADIN5 may be used as a
general purpose unscaled input, but in a typical application,
ADIN5 is used to read out the battery pack thermistor. The
thermistor must be biased with an external pull-up to a
voltage rail greater than the ADC input range. In order to save
current when the thermistor reading is not required, it can be
biased from one of the general purpose IOs such as GPO1.
A resistor divider network should assure the resulting voltage
falls within the ADC input range, in particular when the
thermistor check function is used.
ADIN6
ADC generic input channel 6. ADIN6 may be used as a
general purpose unscaled input, but in a typical application,
the PA thermistor is connected here.
ADIN7
ADC generic input channel 7, group 1. ADIN7 may be
used as a general purpose unscaled input or as a divide by 2
scaled input. In a typical application, an ambient light sensor
is connected here.
A second general purpose input ADIN7B is available on
channel 7. This input is muxed on the GPO4 pin. In the
application, a second ambient light sensor is supposed to be
connected here.
TSX1 AND TSX2, TSY1 AND TSY2
Note: The TS[xy] [12] inputs must not exceed BP or
VCORE.
Touch Screen Interfaces X1 and X2, Y1 and Y2. The touch
screen X plate is connected to TSX1 and TSX2, while the Y
plate is connected to Y1 and Y2. In inactive mode, these pins
can also be used as general purpose ADC inputs. They are
respectively mapped on ADC channels 4, 5, 6, and 7.
In interrupt mode, a voltage is applied to the X-plate
(TSX2) via a weak current source to VCORE, while the Y-
plate is connected to ground (TSY1).
Table 11. UID Pin Levels
UID PIN EXTERNAL CONNECTION
UID PIN VOLTAGE
ACCESSORY
Resistor to Ground
0.18*VCORE<UID<0.77*VCORE
Non-USB accessory is attached
Grounded
0<UID<0.12*VCORE
A type plug (USB Host)
Floating
0.89*VCORE<UID<VCORE
B type plug (USB peripheral, OTG device or
no device) is attached
Voltage Applied
3.6 V<UID(51)
Factory mode
Notes
51.
UID maximum voltage is 5.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com