Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4263-2ES Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4263-2ES
Description  5-V Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2ES Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4263-2ES Datasheet HTML 7Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 8Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 9Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 10Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 11Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 12Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 13Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 14Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
11
Rev. 1.0, 2008-04-21
TLE4263-2ES
Electrical Characteristics
5.3
Current Consumption
5.4
Typical Performance Characteristics Current Consumption
Electrical Characteristics Voltage Regulator
V
I = 13.5 V, -40 °C ≤ Tj ≤150 °C, VINH > 3.6 V; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.3.1
Current Consumption;
I
q = II - IQ
I
q
–0
10
µA
V
INH = 0 V; Tj ≤ 115 °C
5.3.2
–
900
1300
µA
I
Q = 0 mA
5.3.3
–
10
18
mA
I
Q = 150 mA
5.3.4
–
15
24
mA
I
Q = 150 mA;
V
I = 4.5 V
Current Consumption
I
q versus
Input Voltage
V
I
Current Consumption
I
q versus
Output Current
I
Q
15
10
5
20
010
0
20
mA
30
25
q
Ι
= 25
R L
50
V
30
40
V Ι
AED01096
Ω
AED03061
0
0
Q
I
q
I
50
100
150
200
300
I
V = 13.5 V
mA
4
8
12
16
20
24
28
32
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com