Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4263-2ES Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4263-2ES
Description  5-V Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2ES Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4263-2ES Datasheet HTML 8Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 9Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 10Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 11Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 12Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 13Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 14Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 15Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TLE4263-2ES
Electrical Characteristics
Data Sheet
12
Rev. 1.0, 2008-04-21
5.5
Inhibit Function
5.6
Typical Performance Characteristics Inhibit
Electrical Characteristics Voltage Regulator
V
I = 13.5 V, -40 °C ≤ Tj ≤150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.5.1
Switching Voltage
V
INH,ON
3.6
–
–
V
IC turned on
5.5.2
Turn-OFF Voltage
V
INH,OFF
–
–
0.8
V
IC turned off
5.5.3
Inhibit Input Current
I
INH
510
27
µA
V
INH = 5 V
Inhibit Input Current
I
INH versus
Junction Temperature
T
j
AED03063
V
INH = 5 V
µA
INH
I
80
-40
4
2
0
6
8
40
0
10
12
14
16
160
˚C
120
T
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com