Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4263-2ES Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE4263-2ES
Description  5-V Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2ES Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE4263-2ES Datasheet HTML 13Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 14Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 15Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 16Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 17Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 18Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 19Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 20Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Data Sheet
17
Rev. 1.0, 2008-04-21
TLE4263-2ES
Application Information
6.1
Reset
Figure 4
Reset Timing Diagram
Power-On Reset Delay Time
If the application needs a power-on reset delay time
t
rd different from the value given in Item 5.7.5, the delay
capacitor’s value can be derived from these specified values and the desired power-on delay time:
V
I
t
V
Q
t
V
Q,rt
VRO
TimingDiagram_Reset.vsd
t
V
RO,l
1 V
1V
t
rd
Thermal
Shutdown
Input
Voltage Dip
t
rr
t
rd
t
rd
t < t
rr
t
rd
Under-
voltage
Spike at
output
Over-
load
V
DRL
V
DU
t
V
D
CD
trd new
,
trd
---------------- 100nF
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com