Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4263-2ES Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE4263-2ES
Description  5-V Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2ES Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE4263-2ES Datasheet HTML 14Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 15Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 16Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 17Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 18Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 19Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 20Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 21Page - Infineon Technologies AG TLE4263-2ES Datasheet HTML 22Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
TLE4263-2ES
Application Information
Data Sheet
18
Rev. 1.0, 2008-04-21
with
•
CD: capacitance of the delay capacitor to be chosen
•
trd,new: desired power-on reset delay time
•
t
rd: power-on reset delay time specified in this datasheet
For a precise calculation also take the delay capacitor’s tolerance into consideration.
Reset Adjust Function
The undervoltage reset switching threshold can be adjusted according to the application’s needs by connecting
an external voltage divider (
R
ADJ1, RADJ2) at pin RADJ. For selecting the default threshold connect pin RADJ to
GND.
When dimensioning the voltage divider, take into consideration that there will be an additional current constantly
flowing through the resistors.
With a voltage divider connected, the reset switching threshold
V
RT,new is calculated as follows:
(1)
with
•
VRT,new: the desired new reset switching threshold
•
RADJ1, RADJ2: resistors of the external voltage divider
V
RADJ,th: reset adjust switching threshold given in “Reset Function” on Page 13
VRT new
,
RADJ 1
,
R
+
ADJ 2
,
RADJ 2
,
------------------------------------------ V
RADJ th
,
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com