Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN56Q64-104FIP Datasheet(PDF) 35 Page - Eon Silicon Solution Inc.

Part # EN56Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN56Q64-104FIP Datasheet(HTML) 35 Page - Eon Silicon Solution Inc.

Back Button EN56Q64-104FIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 32Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 33Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 34Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 35Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 36Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 37Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 38Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 39Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
35
EN25Q64
Rev. E, Issue Date: 2009/10/19
Write Suspend During Sector Erase or Block Erase
Issuing a Write Suspend instruction during Sector Erase or Block Erase allows the host to program or
read any sector that was not being erased. The device will ignore any programming commands
pointing to the suspended sector(s). Any attempt to read from the suspended sector(s) will out put
unknown data because the Sector or Block Erase will be incomplete.
To execute a Write Suspend operation, the host drives CS# low, sends the Write Suspend command
cycle (B0h), then drives CS# high. A cycle is two nibbles long, most significant nibble first. The
Suspend Status register indicates that the erase has been suspended by changing the WSE bit from
“0” to “1”, but the device will not accept another command until it is ready. To determine when the
device will accept a new command, poll the WIP bit in the Suspend Status register or wait tws.
Write Suspend During Page Programming
Issuing a Write Suspend instruction during Page Programming allows the host to erase or read any
sector that is not being programmed. Erase commands pointing to the suspended sector(s) will be
ignored. Any attempt to read from the suspended page will output unknown data because the program
will be incomplete.
To execute a Write Suspend operation, the host drives CS# low, sends the Write Suspend command
cycle (B0h), then drives CS# high. A cycle is two nibbles long, most significant nibble first. The
Suspend Status register indicates that the programming has been suspended by changing the WSP bit
from “0” to “1”, but the device will not accept another command until it is ready. To determine when the
device will accept a new command, poll the WIP bit in the Suspend Status register or wait tws.
The instruction sequence is shown in Figure 20.1 while using the Enable Quad I/O (EQIO) (38h) command.
Write Resume (30h)
Write Resume restarts a Write command that was suspended, and changes the suspend status bit in
the Suspend Status register (WSE or WSP) back to “0”.
The instruction sequence is shown in Figure 20. To execute a Write Resume operation, the host drives
CS# low, sends the Write Resume command cycle (30h), then drives CS# high. A cycle is two nibbles
long, most significant nibble first. To determine if the internal, self-timed Write operation completed, poll
the WIP bit in the Suspend Status register, or wait the specified time tSE, tBE or tPP for Sector Erase,
Block Erase, or Page Programming, respectively. The total write time before suspend and after resume
will not exceed the uninterrupted write times tSE, tBE or tPP.
The instruction sequence is shown in Figure 20.1 while using the Enable Quad I/O (EQIO) (38h) command.
Figure 20. Write Resume Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com