Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN56Q64-104FIP Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN56Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN56Q64-104FIP Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN56Q64-104FIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
1
EN25Q64
Rev. E, Issue Date: 2009/10/19
FEATURES
• Single power supply operation
- Full voltage range: 2.7-3.6 volt
• Serial Interface Architecture
- SPI Compatible: Mode 0 and Mode 3
• 64 M-bit Serial Flash
- 64 M-bit/8192 K-byte/32768 pages
- 256 bytes per programmable page
• Standard, Dual or Quad SPI
- Standard SPI: CLK, CS#, DI, DO, WP#
- Dual SPI: CLK, CS#, DQ0, DQ1, WP#
- Quad SPI: CLK, CS#, DQ0, DQ1, DQ2, DQ3
• High performance
- 104MHz clock rate for one data bit
- 50MHz clock rate for two data bits
- 50MHz clock rate for four data bits
• Low power consumption
- 12 mA typical active current
- 1
μA typical power down current
• Uniform Sector Architecture:
- 2048 sectors of 4-Kbyte
- 128 blocks of 64-Kbyte
- Any sector or block can be erased individually
• Software and Hardware Write Protection:
- Write Protect all or portion of memory via
software
- Enable/Disable protection with WP# pin
• High performance program/erase speed
- Page program time: 1.3ms typical
- Sector erase time: 90ms typical
- Block erase time 500ms typical
- Chip erase time: 30 seconds typical
• Write Suspend and Write Resume
• Lockable 512 byte OTP security sector
• Minimum 100K endurance cycle
• Package Options
- 8 pins SOP 200mil body width
- 8 contact VDFN (5x6mm)
- 8 contact VDFN (6x8mm)
- 16 pins SOP 300mil body width
- All Pb-free packages are RoHS compliant
• Industrial temperature Range
GENERAL DESCRIPTION
The EN25Q64 is a 64 Megabit (8192K-byte) Serial Flash memory, with advanced write protection
mechanisms. The EN25Q64 supports the standard Serial Peripheral Interface (SPI), and a high
performance Dual output as well as Quad I/O using SPI pins: Serial Clock, Chip Select, Serial DQ0(DI),
DQ1(DO), DQ2(WP#) and DQ3(NC). SPI clock frequencies of up to 50MHz are supported allowing
equivalent clock rates of 100MHz for Dual Output and 200MHz for Quad Output when using the
Dual/Quad Output Fast Read instructions. The memory can be programmed 1 to 256 bytes at a time,
using the Page Program instruction.
The EN25Q64 is designed to allow either single Sector/Block at a time or full chip erase operation. The
EN25Q64 can be configured to protect part of the memory as the software protected mode. The device
can sustain a minimum of 100K program/erase cycles on each sector or block.
EN25Q64
64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector


Similar Part No. - EN56Q64-104FIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN50081 ETC2-EN50081 Datasheet
210Kb / 2P
TEMPERATURE TRANSMITTER
EN50082 ETC2-EN50082 Datasheet
210Kb / 2P
TEMPERATURE TRANSMITTER
logo
Omron Electronics LLC
EN50082-1 OMRON-EN50082-1 Datasheet
1Mb / 34P
Contact Displacement Sensors
logo
List of Unclassifed Man...
EN50121-3-2 ETC2-EN50121-3-2 Datasheet
611Kb / 4P
Hardened Unmanaged 8-port 10/100BASE M12 (8 PoE)
EN50155 ETC2-EN50155 Datasheet
611Kb / 4P
Hardened Unmanaged 8-port 10/100BASE M12 (8 PoE)
More results

Similar Description - EN56Q64-104FIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q16 EON-EN25Q16 Datasheet
754Kb / 40P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q64 EON-EN25Q64_11 Datasheet
1Mb / 60P
64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25F10A EON-EN25F10A Datasheet
1Mb / 62P
1 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32A EON-EN25QH32A Datasheet
1Mb / 63P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH64 EON-EN25QH64 Datasheet
1Mb / 65P
64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH128A EON-EN25QH128A Datasheet
1Mb / 75P
128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com