Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN56Q64-104FIP Datasheet(PDF) 46 Page - Eon Silicon Solution Inc.

Part # EN56Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN56Q64-104FIP Datasheet(HTML) 46 Page - Eon Silicon Solution Inc.

Back Button EN56Q64-104FIP Datasheet HTML 42Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 43Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 44Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 45Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 46Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 47Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 48Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 49Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 50Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
46
EN25Q64
Rev. E, Issue Date: 2009/10/19
Figure 29.1. Read Identification (RDID) under EQIO Mode
Enter OTP Mode (3Ah)
This Flash has an extra 512 bytes OTP sector, user must issue ENTER OTP MODE command to read,
program or erase OTP sector. After entering OTP mode, the OTP sector is mapping to sector 2047,
SRP bit becomes OTP_LOCK bit and can be read with RDSR command. Program / Erase command
will be disabled when OTP_LOCK bit is ‘1’
WRSR command will ignore the input data and program OTP_LOCK bit to 1.
User must clear the protect bits before enter OTP mode.
OTP sector can only be program and erase before OTP_LOCK bit is set to ‘1’ and BP [3:0] = ‘0000’. In
OTP mode, user can read other sectors, but program/erase other sectors only allowed when
OTP_LOCK bit equal to ‘0’.
User can use WRDI (04h) command to exit OTP mode.
Erase OTP Command (20h)
User can use Sector Erase (20h) command only to erase OTP data.
The instruction sequence is shown in Figure 30.1 while using the Enable Quad I/O (EQIO) (38h) command.
Table 7. OTP Sector Address
Sector
Sector Size
Address Range
2047
512 byte
7FF000h – 7FF1FFh
Note:
The OTP sector is mapping to sector 2047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com