Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN56Q64-104FIP Datasheet(PDF) 48 Page - Eon Silicon Solution Inc.

Part # EN56Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN56Q64-104FIP Datasheet(HTML) 48 Page - Eon Silicon Solution Inc.

Back Button EN56Q64-104FIP Datasheet HTML 44Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 45Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 46Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 47Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 48Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 49Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 50Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 51Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 52Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
48
EN25Q64
Rev. E, Issue Date: 2009/10/19
Power-up Timing
Figure 31. Power-up Timing
Table 9. Power-Up Timing and Write Inhibit Threshold
Symbol
Parameter
Min.
Max.
Unit
tVSL(1)
VCC(min) to CS# low
10
µs
tPUW(1)
Time delay to Write instruction
1
10
ms
VWI(1)
Write Inhibit Voltage
1
2.5
V
Note:
1.The parameters are characterized only.
2. VCC (max.) is 3.6V and VCC (min.) is 2.7V
INITIAL DELIVERY STATE
The device is delivered with the memory array erased: all bits are set to 1 (each byte contains FFh).
The Status Register contains 00h (all Status Register bits are 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com