Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT32AP7002 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT32AP7002
Description  AVR 32 32-bit Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7002 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT32AP7002_09 Datasheet HTML 1Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 2Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 3Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 4Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 5Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 6Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 7Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 8Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Features
High Performance, Low Power AVR®32 32-Bit Microcontroller
– 210 DMIPS throughput at 150 MHz
– 16 KB instruction cache and 16 KB data caches
– Memory Management Unit enabling use of operating systems
– Single-cycle RISC instruction set including SIMD and DSP instructions
– Java Hardware Acceleration
Pixel Co-Processor
– Pixel Co-Processor for video acceleration through color-space conversion
(YUV<->RGB), image scaling and filtering, quarter pixel motion compensation
Multi-hierarchy bus system
– High-performance data transfers on separate buses for increased performance
Data Memories
– 32KBytes SRAM
External Memory Interface
– SDRAM, DataFlash, SRAM, Multi Media Card (MMC), Secure Digital (SD),
– Compact Flash, Smart Media, NAND Flash
Direct Memory Access Controller
– External Memory access without CPU intervention
Interrupt Controller
– Individually maskable Interrupts
– Each interrupt request has a programmable priority and autovector address
System Functions
– Power and Clock Manager
– Crystal Oscillator with Phase-Lock-Loop (PLL)
– Watchdog Timer
– Real-time Clock
6 Multifunction timer/counters
– Three external clock inputs, I/O pins, PWM, capture and various counting
capabilities
4 Universal Synchronous/Asynchronous Receiver/Transmitters (USART)
– 115.2 kbps IrDA Modulation and Demodulation
– Hardware and software handshaking
3 Synchronous Serial Protocol controllers
– Supports I2S, SPI and generic frame-based protocols
Two-Wire Interface
– Sequential Read/Write Operations, Philips’ I2C© compatible
Liquid Crystal Display (LCD) interface
– Supports TFT displays
– Configurable pixel resolution supporting QCIF/QVGA/VGA/SVGA configurations.
Image Sensor Interface
– 12-bit Data Interface for CMOS cameras
Universal Serial Bus (USB) 2.0 High Speed (480 Mbps) Device
– On-chip Transceivers with physical interface
16-bit stereo audio bitstream DAC°
– Sample rates up to 50 kHz
On-Chip Debug System
– Nexus Class 3
– Full speed, non-intrusive data and program trace
– Runtime control and JTAG interface
Package/Pins
– AT32AP7002: 196-ball CTBGA
Power supplies
– 1.65V to1.95V VDDCORE
– 3.0V to 3.6V VDDIO
32054FS-AVR32-09/09
AVR®32 32-bit
Microcontroller
AT32AP7002
Preliminary
Summary


Similar Part No. - AT32AP7002_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7002 ATMEL-AT32AP7002_07 Datasheet
535Kb / 45P
32-bit Microcontroller
More results

Similar Description - AT32AP7002_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AVR32AP ATMEL-AVR32AP Datasheet
1Mb / 181P
32-bit AVR Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_09 Datasheet
1Mb / 98P
AVR 32 32-Bit Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512 Datasheet
1Mb / 91P
32-bit AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com