Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT32AP7002 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT32AP7002
Description  AVR 32 32-bit Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7002 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT32AP7002_09 Datasheet HTML 28Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 29Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 30Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 31Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 32Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 33Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 34Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 35Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
32
32054FS–AVR32–09/09
AT32AP7002
7.8
Peripheral overview
7.8.1
External Bus Interface
Optimized for Application Memory Space support
Integrates Three External Memory Controllers:
– Static Memory Controller
– SDRAM Controller
– ECC Controller
Additional Logic for NAND Flash/SmartMediaTM and CompactFlashTM Support
– SmartMedia support: 8-bit as well as 16-bit devices are supported
– CompactFlash support: all modes (Attribute Memory, Common Memory, I/O, True IDE) are
supported but the signals _IOIS16 (I/O and True IDE modes) and _ATA SEL (True IDE mode)
are not handled.
Optimized External Bus:
– 16- or 32-bit Data Bus
– Up to 26-bit Address Bus, Up to 64-Mbytes Addressable
– Optimized pin multiplexing to reduce latencies on External Memories
Up to 6 Chip Selects, Configurable Assignment:
– Static Memory Controller on NCS0
– SDRAM Controller or Static Memory Controller on NCS1
– Static Memory Controller on NCS2
– Static Memory Controller on NCS3, Optional NAND Flash/SmartMediaTM Support
– Static Memory Controller on NCS4 - NCS5, Optional CompactFlashTM Support
7.8.2
Static Memory Controller
6 Chip Selects Available
64-Mbyte Address Space per Chip Select
8-, 16- or 32-bit Data Bus
Word, Halfword, Byte Transfers
Byte Write or Byte Select Lines
Programmable Setup, Pulse And Hold Time for Read Signals per Chip Select
Programmable Setup, Pulse And Hold Time for Write Signals per Chip Select
Programmable Data Float Time per Chip Select
Compliant with LCD Module
External Wait Request
Automatic Switch to Slow Clock Mode
Asynchronous Read in Page Mode Supported: Page Size Ranges from 4 to 32 Bytes
7.8.3
SDRAM Controller
Numerous Configurations Supported
– 2K, 4K, 8K Row Address Memory Parts
– SDRAM with Two or Four Internal Banks
– SDRAM with 16- or 32-bit Data Path
Programming Facilities
– Word, Half-word, Byte Access
– Automatic Page Break When Memory Boundary Has Been Reached
– Multibank Ping-pong Access
– Timing Parameters Specified by Software
– Automatic Refresh Operation, Refresh Rate is Programmable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com