Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT32AP7002 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT32AP7002
Description  AVR 32 32-bit Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7002 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT32AP7002_09 Datasheet HTML 29Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 30Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 31Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 32Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 33Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 34Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 35Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 36Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
33
32054FS–AVR32–09/09
AT32AP7002
Energy-saving Capabilities
– Self-refresh, Power-down and Deep Power Modes Supported
– Supports Mobile SDRAM Devices
Error Detection
– Refresh Error Interrupt
SDRAM Power-up Initialization by Software
CAS Latency of 1, 2, 3 Supported
Auto Precharge Command Not Used
7.8.4
Error Corrected Code Controller
Hardware Error Corrected Code (ECC) Generation
– Detection and Correction by Software
Supports NAND Flash and SmartMediaDevices with 8- or 16-bit Data Path.
Supports NAND Flash/SmartMedia with Page Sizes of 528, 1056, 2112 and 4224 Bytes, Specified
by Software
7.8.5
Serial Peripheral Interface
Supports communication with serial external devices
– Four chip selects with external decoder support allow communication with up to 15
peripherals
– Serial memories, such as DataFlash™ and 3-wire EEPROMs
– Serial peripherals, such as ADCs, DACs, LCD Controllers, CAN Controllers and Sensors
– External co-processors
Master or slave serial peripheral bus interface
– 8- to 16-bit programmable data length per chip select
– Programmable phase and polarity per chip select
– Programmable transfer delays between consecutive transfers and between clock and data
per chip select
– Programmable delay between consecutive transfers
– Selectable mode fault detection
Very fast transfers supported
– Transfers with baud rates up to MCK
– The chip select line may be left active to speed up transfers on the same device
7.8.6
Two-wire Interface
Compatibility with standard two-wire serial memory
One, two or three bytes for slave address
Sequential read/write operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com